Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 46 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 46 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 42Page - Microchip Technology UCS1001 Datasheet HTML 43Page - Microchip Technology UCS1001 Datasheet HTML 44Page - Microchip Technology UCS1001 Datasheet HTML 45Page - Microchip Technology UCS1001 Datasheet HTML 46Page - Microchip Technology UCS1001 Datasheet HTML 47Page - Microchip Technology UCS1001 Datasheet HTML 48Page - Microchip Technology UCS1001 Datasheet HTML 49Page - Microchip Technology UCS1001 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
46
SMSC UCS1001
DATASHEET
8.10
Preloaded Charger Emulation Profiles
The following charger emulation profiles are resident to the UCS1001:
1. Legacy 1 - See Section 8.10.3
2. Legacy 2 - See Section 8.10.2
3. Legacy 3 - See Section 8.10.3
4. Legacy 4 - See Section 8.10.3
5. Legacy 5 - See Section 8.10.4
6. Legacy 6 - See Section 8.10.4
7. Legacy 7 - See Section 8.10.5
8. BC1.2 CDP - See Section 8.6.1
9. BC1.2 DCP - See Section 8.7.1
8.10.1
BC1.2 DCP Charger Emulation Profile Within DCE Cycle
When the BC1.2 DCP charger emulation profile (Section 8.7.1, "BC1.2 DCP Charger Emulation
Profile") is applied within the DCE Cycle (Dedicated Charger Emulation Cycle is selected as the Active
mode), the behavior after the profile is applied is different than Active mode BC1.2 DCP (BC1.2 DCP
in Table 8.1) because the tEM_TIMEOUT timer is enabled during the DCE Cycle.
During the DCE Cycle after the DCP charger emulation profile, the UCS1001 will perform one of the
following:
1. If the portable device is charging, the UCS1001 will internally flag that a BC1.2 DCP was detected.
The UCS1001 will leave in place the resistive short
leave the high-speed switch open, and then
enable constant current limiting (variable slope).
2. If the portable device is not charging, the UCS1001 will stop applying the DCP charger emulation
profile and proceed to the next charger emulation profile in the DCE Cycle.
8.10.2
Legacy 2 Charger Emulation Profile
The Legacy 2 charger emulation profile does the following:
1. The UCS1001 will connect a resistor (RDCP_RES) between DPOUT and DMOUT.
2. VBUS is applied.
3. If the portable device is charging, the UCS1001 will accept that this is the correct charger emulation
profile for the attached portable device. The resistive short between the DPOUT and DMOUT pins
will be left in place. The UCS1001 will use constant current limiting.
4. If the portable device is not charging, the UCS1001 will stop the Legacy 2 charger emulation. This
will cause resistive short between the DPOUT and DMOUT pins to be removed. Emulation reset
occurs, and the UCS1001 will initiate the next charger emulation profile.
8.10.3
Legacy 1, 3, 4, and 6 Charger Emulation Profiles
Legacy 1, 3, 4, and 6 charger emulation profiles follow the same pattern of operation although the
voltage that is applied on the DPOUT and DMOUT pins will vary. They do the following:
1. The UCS1001 will apply a voltage on the DPOUT pin using either a current-limited voltage source
or a voltage divider between VBUS and ground with the center tap on the DPOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com