Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 18 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 18 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 14Page - Microchip Technology UCS1001 Datasheet HTML 15Page - Microchip Technology UCS1001 Datasheet HTML 16Page - Microchip Technology UCS1001 Datasheet HTML 17Page - Microchip Technology UCS1001 Datasheet HTML 18Page - Microchip Technology UCS1001 Datasheet HTML 19Page - Microchip Technology UCS1001 Datasheet HTML 20Page - Microchip Technology UCS1001 Datasheet HTML 21Page - Microchip Technology UCS1001 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
18
SMSC UCS1001
DATASHEET
Selectable Current Limits
ILIM1
450
467
500
mA
ILIM Resistor = 47 k
(500 mA setting)
ILIM2
810
839
900
mA
ILIM Resistor = 56 k
(900 mA setting)
ILIM3
900
932
1000
mA
ILIM Resistor = 68 k
(1000 mA setting)
ILIM4
1080
1112
1200
mA
ILIM Resistor = 82 k
(1200 mA setting)
ILIM5
1350
1385
1500
mA
ILIM Resistor = 100 k
(1500 mA setting)
ILIM6
1620
1702
1800
mA
ILIM Resistor = 120 k
(1800 mA setting)
ILIM7
1800
1892
2000
mA
ILIM Resistor = 150 k
(2000 mA setting)
ILIM8
2250
2355
2500
mA
ILIM Resistor = VDD
(2500 mA setting)
Thermal Regulation Limit
TREG
110
°C
Die Temperature at which
current limit will be reduced
Thermal Regulation
Hysteresis
TREG_HYST
10
°C
Hysteresis for tREG
functionality. Temperature must
drop by this value before ILIM
value restored to normal
operation
Thermal Shutdown
Threshold
TTSD
135
°C
Die Temperature at which port
power switch will turn off
Thermal Shutdown
Hysteresis
TTSD_HYST
35
°C
After shutdown due to TTSD
being reached, die temperature
drop required before port power
switch can be turned on again
Auto-recovery Test
Current
ITEST
190
mA
Portable device attached,
VBUS = 0 V, Die temp < TTSD
Auto-recovery Test
Voltage
VTEST
750
mV
Portable device attached,
VBUS = 0 V before application,
Die temp < TTSD
Discharge Impedance
RDISCHARGE
100
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com