Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 35 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 35 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 31Page - Microchip Technology UCS1001 Datasheet HTML 32Page - Microchip Technology UCS1001 Datasheet HTML 33Page - Microchip Technology UCS1001 Datasheet HTML 34Page - Microchip Technology UCS1001 Datasheet HTML 35Page - Microchip Technology UCS1001 Datasheet HTML 36Page - Microchip Technology UCS1001 Datasheet HTML 37Page - Microchip Technology UCS1001 Datasheet HTML 38Page - Microchip Technology UCS1001 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
35
Revision 1.2 (05-21-12)
DATASHEET
Chapter 6 USB Port Power Switch
6.1
USB Port Power Switch
To assure compliance to various charging specifications, the UCS1001 contains a USB port power
switch that supports two current limiting modes: trip and constant current (variable slope). The current
limit (ILIM) is pin selectable. The switch also includes soft start circuitry and a separate short circuit
current limit.
The port power switch is on in the Active state (except when VBUS is discharging).
6.2
Current Limiting
6.2.1
Current Limit Setting
The UCS1001 hardware set current limit, ILIM, can be one of eight values (see Table 6.1). This resistor
value is read once upon UCS1001 power-up. Unless connected to VDD, the resistors in Table 6.1 are
pull-down resistors.
APPLICATION NOTE: If it is necessary to connect the ILIM pin to VDD via a pull-up resistor, it is recommended
that this resistor value not exceed 100 k
.
APPLICATION NOTE: ILIM pin pull-down resistors with values less than 33 k
 will cause unexpected behavior.
6.2.2
Short Circuit Output Current Limiting
Short circuit current limiting occurs when the output current is above the selectable current limit (ILIMx).
This event will be detected and the current will immediately be limited (within tSHORT_LIM time). If the
condition remains, the port power switch will flag an Error condition and enter the Error state (see
Section 4.1.5, "Error State Operation").
Table 6.1 UCS1001 ILIM Selection
ILIM RESISTOR (±5%)
ILIM SETTING
47 k
500 mA
56 k
900 mA
68 k
1000 mA
82 k
1200 mA
100 k
1500 mA
120 k
1800 mA
150 k
2000 mA
VDD
2500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com