Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 29 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 29 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 25Page - Microchip Technology UCS1001 Datasheet HTML 26Page - Microchip Technology UCS1001 Datasheet HTML 27Page - Microchip Technology UCS1001 Datasheet HTML 28Page - Microchip Technology UCS1001 Datasheet HTML 29Page - Microchip Technology UCS1001 Datasheet HTML 30Page - Microchip Technology UCS1001 Datasheet HTML 31Page - Microchip Technology UCS1001 Datasheet HTML 32Page - Microchip Technology UCS1001 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
29
Revision 1.2 (05-21-12)
DATASHEET
4.1.1
Off State Operation
The device will be in the off state if VDD is less than VDD_TH. When the UCS1001 is in the Off state,
it will do nothing, and all circuitry will be disabled.
4.1.2
Sleep State Operation
When the UCS1001 is in the Sleep state, the device will be in its lowest power state. The high-speed
switch, bypass switch, and the port power switch will be disabled. The Attach and Removal Detection
feature will be disabled. VBUS will be near ground potential. The ALERT# pin will not be asserted. If
asserted prior to entering the Sleep state, the ALERT# pin will be released. The A_DET# pin
(UCS1001-2 only) will be released.
Figure 4.5 shows timing diagrams for waking the UCS1001.
4.1.3
Detect State Operation
When the UCS1001 is in the Detect state, the port power switch will be disabled. The high-speed
switch is also disabled. The VBUS output will be connected to the VDD voltage by a secondary bypass
switch (see Chapter 7, Detect State).
Figure 4.5 Wake Timing
M1 or M2
Port power switch closed
(Active state)
~3 ms
Wake with M1 or M2 to Active State Data Pass-through Mode
(PWR_EN enabled, S0 = ‘0’, EM_EN = ‘0’, VS > VS_UVLO)
S0
Bypass switch closed
(Detect state)
~3 ms
Wake with S0 to Host-controlled Detect State
(PWR_EN disabled, VS > VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data Pass-through)
Bypass switch closed
(Detect state)
~3 ms
Wake with S0 & PWR_EN to Auto-transition Detect State
(VS > VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data Pass-through)
S0
PWR_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com