Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 45 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 45 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 41Page - Microchip Technology UCS1001 Datasheet HTML 42Page - Microchip Technology UCS1001 Datasheet HTML 43Page - Microchip Technology UCS1001 Datasheet HTML 44Page - Microchip Technology UCS1001 Datasheet HTML 45Page - Microchip Technology UCS1001 Datasheet HTML 46Page - Microchip Technology UCS1001 Datasheet HTML 47Page - Microchip Technology UCS1001 Datasheet HTML 48Page - Microchip Technology UCS1001 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
45
Revision 1.2 (05-21-12)
DATASHEET
8.8.2
Emulation Cycling
In Dedicated Charger Emulation Cycle mode, the charger emulation profiles will be applied in the
following order:
1. Legacy 1
2. BC1.2 DCP
3. Legacy 2
4. Legacy 3
5. Legacy 4
6. Legacy 5
7. Legacy 6
8. Legacy 7
APPLICATION NOTE: If S0=’0’ and a portable device is not attached in DCE Cycle mode, the UCS1001 will be
cycling through charger emulation profiles. There is no guarantee which charger emulation
profile will be applied first when a portable device attaches.
8.8.3
DCE Cycle Retry
If none of the charger emulation profiles cause a charge current to be drawn, the UCS1001 will perform
emulation reset and cycle through the profiles again. The UCS1001 will continue to cycle through the
profiles so as long as charging current is not drawn and the PWR_EN control is enabled.
8.9
Current Limit Mode Associations
The UCS1001 will close the port power switch and use the current limiting mode as shown in Table 8.2.
Table 8.2 Current Limit Mode Options
ACTIVE MODE
CURRENT LIMIT MODE
Data Pass-through
Trip mode
BC1.2 DCP
CC mode if ILIM < 1.5 A, otherwise, trip mode
BC1.2 SDP
Trip mode
BC1.2 CDP
CC mode if ILIM < 1.5 A, otherwise, trip mode
DCE CYCLE
During DCE Cycle when a charger
emulation profile is being applied
CC mode if ILIM < 1.5 A, otherwise, trip mode
BC1.2 DCP charger emulation profile
accepted
CC mode if ILIM < 1.5 A, otherwise, trip mode
Legacy 2 charger emulation profile
accepted
CC mode if ILIM < 1.5 A, otherwise, trip mode
Legacy 1 or Legacy 3 - Legacy 7 charger
emulation profile accepted
Trip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com