Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 57 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 57 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 51Page - Microchip Technology UCS1001 Datasheet HTML 52Page - Microchip Technology UCS1001 Datasheet HTML 53Page - Microchip Technology UCS1001 Datasheet HTML 54Page - Microchip Technology UCS1001 Datasheet HTML 55Page - Microchip Technology UCS1001 Datasheet HTML 56Page - Microchip Technology UCS1001 Datasheet HTML 57Page - Microchip Technology UCS1001 Datasheet HTML 58Page - Microchip Technology UCS1001 Datasheet HTML 59Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
57
Revision 1.2 (05-21-12)
DATASHEET
Chapter 11 Document Revision History
Table 11.1 Customer Revision History
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Revision 1.2
(05-21-12)
Cover
Certification added: “
UL recognized and EN/IEC 60950-1
(CB) certified”
Revision 1.2
(05-16-12)
Cover
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accomodate UL
Table 3.3, "Electrical
Specifications"
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accomodate UL
Revision 1.2
(03-16-12)
Cover
There are nine preloaded charger emulation profiles.
Chapter 2, Pin Description
Changed “unused connection” to n/a for ILIM, SEL, LATCH,
and S0 pins as they must be used.
Added Note 2.1: Total leakage current from pins 3 and 4
(VBUS) to ground must be less than 100 µA for proper attach
/ removal detection operation.
Table 3.3, "Electrical
Specifications"
Updated selectable current limits (ILIMx) min and max values.
Typical values did not change.
Changed IACTIVE from 500 µA (TYP) to 650 µA (TYP).
Changed IACTIVE from TBD µA (MAX) to 750 µA (MAX).
Changed ISLEEP from TBD µA (MAX) to 8 µA (MAX).
Changed IDETECT from 190 µA (TYP) to 185 µA (TYP).
Changed IDETECT from TBD µA (MAX) to 220 µA (MAX).
Removed VS_OV MIN value (5.6 V) and MAX value (TBD).
Changed RON_PSW from 70 m (MAX) to 65 m (MAX).
Changed ILEAK_VS from TBD µA (MAX) to 5 µA (MAX).
Changed ILEAK_BYP from 0.5 µA (MAX) to 3 µA (MAX).
Changed IBD_1 from 2 µA (MAX) to 3 µA (MAX).
Table 4.1, "Power States
Control Settings"
"Behavior" cell in the "Sleep" row: Clarified behavior by
adding "VBUS will be near ground potential”.
Section 4.1.2, "Sleep State
Operation"
Clarified behavior by adding "VBUS will be near ground
potential”.
Section 4.2.3, "Back-voltage
Detection" and Section
4.2.4, "Back-drive Current
Protection"
Section “Back-voltage / Back-drive Detection” split into two.
In Section 4.2.4, "Back-drive Current Protection", corrected
reference IBD_LK to match elec spec symbol IBD_1 and
rewrote back-drive description.
Section 6.2.4, "Current
Limiting Modes"
Added: The current limiting mode used depends on the Active
state mode (see Section 8.9, "Current Limit Mode
Associations").
Section 6.2.4.1, "Trip Mode"
Added application note: To avoid cycling in trip mode, set ILIM
higher than the highest expected portable device current
draw.
Table 8.2, "Current Limit
Mode Options"
Rearranged rows so DCE Cycle is grouped together.
Added row for DCE Cycle when a charger emulation profile is
being applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com