Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 33 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 33 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 29Page - Microchip Technology UCS1001 Datasheet HTML 30Page - Microchip Technology UCS1001 Datasheet HTML 31Page - Microchip Technology UCS1001 Datasheet HTML 32Page - Microchip Technology UCS1001 Datasheet HTML 33Page - Microchip Technology UCS1001 Datasheet HTML 34Page - Microchip Technology UCS1001 Datasheet HTML 35Page - Microchip Technology UCS1001 Datasheet HTML 36Page - Microchip Technology UCS1001 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
33
Revision 1.2 (05-21-12)
DATASHEET
4.3.3
M1, M2, and EM_EN Inputs
The M1, M2, and EM_EN input controls determine the Active mode and affect the power state (see
Table 4.1, "Power States Control Settings" and Table 8.1, "Active Mode Selection"). When these
controls are all set to ‘0’ and PWR_EN is enabled, the UCS1001 Attach and Removal Detection feature
is disabled.
4.3.4
PWR_EN Input
The PWR_EN control enables the port power switch to be turned on if conditions are met and affects
the power state (see Table 4.1, "Power States Control Settings"). The port power switch cannot be
closed if PWR_EN is disabled. However, if PWR_EN is enabled, the port power switch is not
necessarily closed (see Section 4.1.4, "Active State Operation"). Polarity is controlled by the SEL pin.
4.3.5
Latch Input
The Latch input control determines the behavior of the fault handling mechanism (see Section 6.5,
"Fault Handling Mechanism").
4.3.6
S0 Input
The S0 control enables the Attach and Removal Detection feature and affects the power state (see
Table 4.1, "Power States Control Settings"). When S0 is set to ‘1’, an Attach Detection event must
occur before the port power switch can be turned on. When S0 is set to ‘0’, the Attach and Removal
Detection feature is not enabled.
4.4
Discrete Output Pins
4.4.1
ALERT#, CHRG#, and A_DET# Output Pins
The ALERT# pin is an active low open-drain interrupt to the host controller. The ALERT# pin is
asserted when an error occurs (see Section 4.1.5, "Error State Operation"). The ALERT# pin is
released when all error conditions have been removed.
The CHRG# pin (UCS1001-1 only) provides an active low open-drain output indication that charging
of an attached device is active. It will remain asserted until this condition no longer exists and then will
be automatically released.
The A_DET# pin (UCS1001-2 only) provides an active low open-drain output indication that a valid
Attach Detection event has occurred. It will remain asserted until the UCS1001 is placed into the Sleep
state or a Removal Detection event occurs. For wake on USB, the A_DET# pin assertion can be
utilized by the system. If the S0 control is ‘0’ and the UCS1001 is in the Active state, the A_DET# pin
will be asserted regardless if a portable device is attached or not. If S0 is '1', PWR_EN is enabled,
and VS is not present, the A_DET# pin will cycle if the current draw exceeds the current capacity of
the bypass switch.
4.4.2
Interrupt Blanking
The ALERT#, CHRG# (UCS1001-1 only), and A_DET# (UCS1001-2 only) pins will not be asserted for
a specified time (up to tBLANK) after power-up. Additionally, an error condition (except for the thermal
shutdown) must be present for longer than a specified time (tMASK) before the ALERT# pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com