Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 41 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 41 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 37Page - Microchip Technology UCS1001 Datasheet HTML 38Page - Microchip Technology UCS1001 Datasheet HTML 39Page - Microchip Technology UCS1001 Datasheet HTML 40Page - Microchip Technology UCS1001 Datasheet HTML 41Page - Microchip Technology UCS1001 Datasheet HTML 42Page - Microchip Technology UCS1001 Datasheet HTML 43Page - Microchip Technology UCS1001 Datasheet HTML 44Page - Microchip Technology UCS1001 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
41
Revision 1.2 (05-21-12)
DATASHEET
Chapter 7 Detect State
7.1
Device Attach / Removal Detection
The UCS1001 can detect the attachment and removal of a portable device on the USB port. Attach
and Removal Detection does not perform any charger emulation or qualification of the device. The
high-speed switch is “off” during the Detect power state.
7.2
VBUS Bypass Switch
In the Detect state, VDD is the voltage source; in the Active state, VS is the voltage source. The
bypass switch and the port power switch are never both on at the same time.
While the VBUS bypass switch is active, the current available to a portable device will be limited, and
the Attach Detection feature is active.
7.3
Attach Detection
The Attach Detection feature is only active in the Detect power state. When active, this feature
constantly monitors for portable device attachment. When an Attach Detection event occurs, the
UCS1001-2 will assert the A_DET# pin low. The UCS1001-1 internally flags the event.
Once an Attach Detection event occurs, the UCS1001 will wait for the PWR_EN control to be enabled
(if not already). When PWR_EN is enabled and VS is above the threshold, the UCS1001 will activate
the USB port power switch and operate in the selected Active mode (see Chapter 8, Active State).
7.4
Removal Detection
The Removal Detection feature will be active in the Active and Detect power states if S0 = 1. This
feature monitors for portable device removal.
When a Removal Detection event is flagged, the following will be done:
1. Disable the port power switch and the bypass switch.
2. De-assert the A_DET# pin (UCS1001-2 only).
3. Enable an internal discharging device that will discharge the VBUS line.
4. Once the VBUS pin has been discharged, the device will return to the Detect state regardless of
the PWR_EN control state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com