Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 58 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 58 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 51Page - Microchip Technology UCS1001 Datasheet HTML 52Page - Microchip Technology UCS1001 Datasheet HTML 53Page - Microchip Technology UCS1001 Datasheet HTML 54Page - Microchip Technology UCS1001 Datasheet HTML 55Page - Microchip Technology UCS1001 Datasheet HTML 56Page - Microchip Technology UCS1001 Datasheet HTML 57Page - Microchip Technology UCS1001 Datasheet HTML 58Page - Microchip Technology UCS1001 Datasheet HTML 59Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
58
SMSC UCS1001
DATASHEET
Revision 1.2
(03-16-12)
cont.
Section 8.8.2, "Emulation
Cycling"
and
Section 8.10.5, "Legacy 7
Charger Emulation Profile"
Legacy 7 charger emulation profile added.
Chapter 10, Typical
Operating Curves
Rearranged order of TOCs.
Added new TOCs:
— Figure 10.3, "Short Applied After Power Up"
— Figure 10.5, "Internal Power Switch Short Response"
— Figure 10.16, "Trip Current Limit Operation vs. Temp."
— Figure 10.17, "IBUS Measurement Accuracy"
— Figure 10.18, "Active State Current vs. Temp"
— Figure 10.19, "Detect State Current vs. Temp"
— Figure 10.20, "Sleep State Current vs. Temp"
Updated the following:
— Figure 10.6, "VBUS Discharge Behavior"
— Figure 10.11, "RDCP_RES Resistance vs.Temp"
— Figure 10.13, "VS Over-Voltage Threshold vs. Temp"
— Figure 10.14, "VS Under Voltage Threshold vs. Temp"
— Figure 10.15, "Detect State VBUS vs. IBUS"
Revision 1.1
(11-21-11)
Table 3.2, "Power
Dissipation Summary"
Missing units added.
Table 3.3, "Electrical
Specifications"
Changed tDET_CHARGE from 400 ms to 800 ms typ and
changed condition from CBUS = 220 µF to CBUS = 500 µF
max.
VS Leakage Current changed from 0.8 µA typical to 2.2 µA.
Changed IBD_1 and IBD_2 from TBD typ to 0 µA typ and from
1.5 µA max to 2 µA max
Changed ITST to ITEST and changed typ from 165 to 190 mA.
Changed tON_PSW from 3 ms to 0.75 ms typical and
tOFF_PSW_INA from 1 ms to 0.75 ms typical.
Added Discharge Time (TDISCHARGE) and Allowed Charge
Time (tDET_CHARGE).
Table 3.4, "ESD
Ratings"Section 3.1
Charged Device Model: changed from 200 V to 500 V
Note 4.1
Added note: In order to transition from Active state Data Pass-
through mode into Sleep with these settings, change the M1,
M2, and EM_EN pins before changing the PWR_EN pin.
Table 4.1, "Power States
Control Settings",
Section 4.1.2, "Sleep State
Operation",
Section 5.1, "USB High-
speed Data Switch"
The high-speed switch is open in Sleep.
Section 4.2.2, "VS Source
Voltage"
Added.
Cover, Section 8.10.3,
"Legacy 1, 3, 4, and 6
Charger Emulation Profiles"
Legacy 6 profile has been defined.
Table 11.1 Customer Revision History (continued)
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com