Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 32 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 28Page - Microchip Technology UCS1001 Datasheet HTML 29Page - Microchip Technology UCS1001 Datasheet HTML 30Page - Microchip Technology UCS1001 Datasheet HTML 31Page - Microchip Technology UCS1001 Datasheet HTML 32Page - Microchip Technology UCS1001 Datasheet HTML 33Page - Microchip Technology UCS1001 Datasheet HTML 34Page - Microchip Technology UCS1001 Datasheet HTML 35Page - Microchip Technology UCS1001 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
32
SMSC UCS1001
DATASHEET
4.2.3
Back-voltage Detection
Whenever the following conditions are true, the port power switch will be disabled, the VBUS bypass
switch will be disabled, the high-speed data switch will be disabled, and a Back-voltage event will be
flagged. This will cause the UCS1001 to enter the Error power state (see Section 4.1.5, "Error State
Operation").
1. The VBUS voltage exceeds the VS voltage by VBV_TH and the port power switch is closed. The
port power switch will be opened immediately. If the condition lasts for longer than tMASK, then the
UCS1001 will enter the Error state. Otherwise, the port power switch will be turned on as soon as
the condition is removed.
2. The VBUS voltage exceeds the VDD voltage by VBV_TH and the VBUS bypass switch is closed.
The bypass switch will be opened immediately. If the condition lasts for longer than tMASK, then the
UCS1001 will enter the Error state. Otherwise, the bypass switch will be turned on as soon as the
condition is removed.
4.2.4
Back-drive Current Protection
If a portable device is attached that is self-powered, it may drive the VBUS port to its power supply
voltage level; however, the UCS1001 is designed such that leakage current from the VBUS pins to the
VDD or VS pins shall not exceed IBD_1 (if the VDD voltage is zero) or IBD_2 (if the VDD voltage exceeds
VDD_TH).
4.2.5
Under-voltage Lockout on VS
The UCS1001 requires a minimum voltage (VS_UVLO) be present on the VS pin for Active power state.
4.2.6
Over-voltage Detection and Lockout on VS
The UCS1001 port power switch will be disabled if the voltage on the VS pin exceeds a voltage
(VS_OV) for longer than the specified time (tMASK). This will cause the device to enter the Error state.
4.3
Discrete Input Pins
APPLICATION NOTE: If it is necessary to connect any of the control pins except the ILIM or SEL pins via a resistor
to VDD or GND, the resistor value should not exceed 100 k
 in order to meet the VIH and
VIL specifications.
4.3.1
ILIM Input
The ILIM input determines the initial ILIM setting, as shown in Table 6.1, "UCS1001 ILIM Selection".
4.3.2
SEL Input
The SEL pin selects the polarity of the PWR_EN control. If the SEL pin is high, the PWR_EN control
is active high enable. If the SEL pin is low, the PWR_EN control is active low enable. This pin state
is latched upon device power-up and further changes will have no effect on the PWR_EN control
polarity.
APPLICATION NOTE: If it is necessary to connect the SEL pin to ground via a resistor, a value less than 33k
must be used. If it is necessary to connect the SEL pin to VDD via a resistor, the pull-up
resistor may be any value up to 100 k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com