Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 8 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 8 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 4Page - Microchip Technology UCS1001 Datasheet HTML 5Page - Microchip Technology UCS1001 Datasheet HTML 6Page - Microchip Technology UCS1001 Datasheet HTML 7Page - Microchip Technology UCS1001 Datasheet HTML 8Page - Microchip Technology UCS1001 Datasheet HTML 9Page - Microchip Technology UCS1001 Datasheet HTML 10Page - Microchip Technology UCS1001 Datasheet HTML 11Page - Microchip Technology UCS1001 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
8
SMSC UCS1001
DATASHEET
Chapter 1 Terms and Abbreviations
APPLICATION NOTE: The M1, M2, PWR_EN, and EM_EN pins are referenced in text as the <pin name> control.
Table 1.1 Terms and Abbreviations
TERM /
ABBREVIATION
DESCRIPTION
Active mode
Active power state operation mode: Data Pass-through, BC1.2 SDP, BC1.2 CDP, BC1.2
DCP, or Dedicated Charger Emulation Cycle.
attachment
The physical insertion of a portable device into a USB port that UCS1001 is controlling.
CC
Constant current
CDM
Charged Device Model. JEDEC model for characterizing susceptibility of a device to
damage from ESD.
CDP or USB-IF
BC1.2 CDP
Charging downstream port. The combination of the UCS1001 CDP handshake and an
active standard USB host comprises a CDP. This enables a BC1.2 compliant portable
device to simultaneously draw current up to 1.5 A while data communication is active. The
USB high-speed data switch is closed in this mode.
charge enable
When a charger emulation profile has been accepted by a portable device and charging
commences.
charger emulation
profile
Representation of a charger comprised of DPOUT, DMOUT, and VBUS signalling which
make up a defined set of signatures or handshaking protocols.
connection
USB-IF term which refers to establishing active USB communications between a USB host
and a USB device.
current limiting mode
Determines the action that is performed when the IBUS current reaches the ILIM threshold.
Trip opens the port power switch. Constant current (variable slope) allows VBUS to be
dropped by the portable device.
DCE
Dedicated charger emulation. Charger emulation in which the UCS1001 can deliver power
only. No active USB data communication is possible when charging in this mode.
DCP or USB-IF
BC1.2 DCP
Dedicated Charging Port. This functions as a dedicated charger for a BC1.2 portable
device. This allows the portable device to draw currents up to 1.5 A with constant current
limiting (and beyond 1.5 A with trip current limiting). No USB communications are possible.
DC
Dedicated charger. A charger which inherently does not have USB communications, such
as an A/C wall adapter.
disconnection
USB-IF term which refers to the loss of active USB communications between a USB host
and a USB device.
dynamic thermal
management
The UCS1001 automatically adjusts port power switch limits and modes to lower internal
power dissipation when the thermal regulation temperature value is approached.
enumeration
A USB-specific term that indicates that a host is detecting and identifying USB devices.
handshake
Application of a charger emulation profile that requires a response. Two-way
communication between the UCS1001 and the portable device.
HBM
Human Body Model.
HSW
High-speed switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com