Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 20 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 16Page - Microchip Technology UCS1001 Datasheet HTML 17Page - Microchip Technology UCS1001 Datasheet HTML 18Page - Microchip Technology UCS1001 Datasheet HTML 19Page - Microchip Technology UCS1001 Datasheet HTML 20Page - Microchip Technology UCS1001 Datasheet HTML 21Page - Microchip Technology UCS1001 Datasheet HTML 22Page - Microchip Technology UCS1001 Datasheet HTML 23Page - Microchip Technology UCS1001 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
20
SMSC UCS1001
DATASHEET
Note 3.2
For split supply systems using the Attach Detection feature, VS must not exceed VDD +
150 mV.
Port Power Switch Operation With Trip Mode Current Limiting
Region 2 Current Keep-
out
IBUS_R2MIN
0.1
A
Minimum VBUS Allowed
at Output
VBUS_MIN
2.0
V
Port Power Switch Operation With Constant Current Limiting (Variable Slope)
Region 2 Current Keep-
out
IBUS_R2MIN
1.5
A
Minimum VBUS Allowed
at Output
VBUS_MIN
2.0
V
VBUS Bypass - DC
On Resistance
RON_BYP
50
Leakage Current
ILEAK_BYP
3
µA
Switch off
Current Limit
IDET_CHG /
IBUS_BYP
2
mA
VDD = 5 V and VBUS> 4.75 V
Allowed Charge Time
tDET_CHARGE
800
ms
CBUS = 500 µF max
Charger Emulation Profile
General Emulation - DC
DP-DM Shunt Resistor
Value
RDCP_RES
200
Connected between DPOUT
and DMOUT
0 V < DPOUT = DMOUT < 3V
Voltage Output
SX_RXMAG_
VOLT_BC
0.5
V
DMOUT
250 µA load
Pull-down Current
SX_PUPD
_ACC_BC
50
µA
DPOUT or DMOUT = 0.15 V
Compliance voltage
General Emulation - AC
Emulation Reset Time
tEM_RESET
50
ms
Table 3.3 Electrical Specifications (continued)
VDD = 4.5 V to 5.5 V, VS = 2.9 V to 5.5 V, VPULLUP = 3V to 5.5V, TA = -40 °C to 85 °C
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com