Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001 Datasheet(PDF) 44 Page - Microchip Technology

Part # UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Datasheet(HTML) 44 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 40Page - Microchip Technology UCS1001 Datasheet HTML 41Page - Microchip Technology UCS1001 Datasheet HTML 42Page - Microchip Technology UCS1001 Datasheet HTML 43Page - Microchip Technology UCS1001 Datasheet HTML 44Page - Microchip Technology UCS1001 Datasheet HTML 45Page - Microchip Technology UCS1001 Datasheet HTML 46Page - Microchip Technology UCS1001 Datasheet HTML 47Page - Microchip Technology UCS1001 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
44
SMSC UCS1001
DATASHEET
8.7
BC1.2 DCP
When BC1.2 DCP is selected as the Active mode, UCS1001 will discharge VBUS and apply the BC1.2
DCP charger emulation profile per the specification. In BC1.2 DCP mode, the emulation timeout and
requirement for portable device current draw are automatically disabled. When the BC1.2 DCP charger
emulation profile is applied within the Dedicated Charger Emulation Cycle (see Section 8.10.1, "BC1.2
DCP Charger Emulation Profile Within DCE Cycle"), the timeout and current draw requirement are
enabled.
If the portable device is charging after the DCP charger emulation profile is applied, the UCS1001 will
leave in place the resistive short, leave the high-speed switch open, and enable constant current
limiting (variable slope).
APPLICATION NOTE: BC1.2 compliance testing may require the S0 control to be set to ‘0’ (Attach and Removal
Detection feature disabled) while testing is in progress.
8.7.1
BC1.2 DCP Charger Emulation Profile
The BC1.2 DCP charger emulation profile is described below.
1. VBUS voltage is applied. A resistor (RDCP_RES) is connected between the DPOUT and DMOUT
pins.
2. Primary Detection - If the portable device drives 0.6 V (nominal) onto the DPOUT pin, the UCS1001
will take no other action than to leave the resistor connected between DPOUT and DMOUT. This
will cause the portable device to see 0.6 V (nominal) on the DMOUT pin and know that it is
connected to a DCP.
3. Optional Secondary Detection - If the portable device drives 0.6 V (nominal) onto the DMOUT pin,
the UCS1001 will take no other action than to leave the resistor connected between DPOUT and
DMOUT. This will cause the portable device to see 0.6 V (nominal) on the DPOUT pin and know
that it is connected to a DCP.
8.8
Dedicated Charger
When commanded to Dedicated Charger Emulation Cycle mode, the UCS1001 enables an attached
portable device to enter its charging mode by applying specific charger emulation profiles in a
predefined sequence. Using these profiles, the UCS1001 is capable of generating and recognizing
several signal levels on the DPOUT and DMOUT pins. The preloaded charger emulation profiles
include ones compatible with BC1.2 DCP, YD/T-1591 (2009) and most Apple and RIM portable
devices.
No active USB data communication is possible when charging in this mode.
8.8.1
Emulation Reset
Prior to applying any of the charger emulation profiles, the UCS1001 will perform an emulation reset.
This involves the following:
1. The UCS1001 resets the VBUS line by disconnecting the port power switch and connecting VBUS
to ground via an internal 100
 resistor. The port power switch will be held open for a time equal
to tEM_RESET at which point the port power switch will be closed and the VBUS voltage applied.
2. The DPOUT and DMOUT pins will be pulled low using internal 15 k
 pull-down resistors.
APPLICATION NOTE: To help prevent possible damage to a portable device, the DPOUT and DMOUT pins have
current limiting in place when the emulation profiles are applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com