Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 21Page - Texas Instruments TDP158 Datasheet HTML 22Page - Texas Instruments TDP158 Datasheet HTML 23Page - Texas Instruments TDP158 Datasheet HTML 24Page - Texas Instruments TDP158 Datasheet HTML 25Page - Texas Instruments TDP158 Datasheet HTML 26Page - Texas Instruments TDP158 Datasheet HTML 27Page - Texas Instruments TDP158 Datasheet HTML 28Page - Texas Instruments TDP158 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
1
10
9
8
7
6
5
4
3
2
24
21
22
23
25
26
27
28
29
30
I2C_EN
HPD_SRC
OUT_CLKp
OUT_CLKn
OUT_D0p
OUT_D0n
OUT_D1p
OUT_D1n
OUT_D2p
OUT_D2n
HPD_SNK
IN_CLKn
IN_CLKp
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
A1/EQ2
1
10
9
8
7
6
5
4
3
2
24
21
22
23
25
26
27
28
29
30
In Normal Working
Lane Swap
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
OUT_CLKp
OUT_CLKn
OUT_D0p
OUT_D0n
OUT_D1p
OUT_D1n
OUT_D2p
OUT_D2n
HPD_SNK
I2C_EN
HPD_SRC
IN_CLKn
IN_CLKp
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
A1/EQ2
25
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For Pin Control 0 = GND, 1 = VCC, Z = Floating (No Connect)
(2)
Individual Lane control is based upon the pin names with no swap
(3)
The CLK EQ in HDMI mode is controlled by register P0_Reg0D[2:1]
Figure 23. TDP158 Swap Function
8.3.5 Main Link Inputs
Standard Dual Mode DisplayPort terminations are integrated on all inputs with expected AC coupling capacitors
on board prior to input pins. External terminations are not required. Each input data channel contains an
equalizer to compensate for cable or board losses. The voltage at the input pins must be limited under the
absolute maximum ratings.
8.3.6 Receiver Equalizer
The equalizer is used to clean up inter-symbol interference (ISI) jitter/loss from the bandwidth-limited board
traces or cables. TDP158 supports fixed receiver equalizer by setting the A0/EQ1 and A1/EQ2 pins or through
I2C. Table 3 shows the pin strap settings and EQ values.
Table 3. Receiver EQ Programming and Values
Global
Independent Lane Control
RX EQ
(dB)
Pin Control (1)
I2C Control
I2C Control (2)
{EQ2,EQ1}
P0_Reg0D[6:3]
D2
P0_Reg4E[3:0]
D1
P0_Reg4E[7:4]
D3
P0_Reg4F[3:0]
CLK(2)(3)
P0_Reg4F[7:4]
2
2’b00
4’b0000
4’b0000
4’b0000
4’b0000
4’b0000
3
2’b0Z
4’b0001
4’b0001
4’b0001
4’b0001
4’b0001
4
4’b0010
4’b0010
4’b0010
4’b0010
4’b0010
5
2’b01
4’b0011
4’b0011
4’b0011
4’b0011
4’b0011
6.5
2’bZ0
4’b0100
4’b0100
4’b0100
4’b0100
4’b0100
7.5
4’b0101
4’b0101
4’b0101
4’b0101
4’b0101
8.5
2’bZZ
4’b0110
4’b0110
4’b0110
4’b0110
4’b0110
9
4’b0111
4’b0111
4’b0111
4’b0111
4’b0111
10
2’bZ1
4’b1000
4’b1000
4’b1000
4’b1000
4’b1000
11
2’b10
4’b1001
4’b1001
4’b1001
4’b1001
4’b1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com