Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 3 Page - Texas Instruments

  TDP158 Datasheet HTML 1Page - Texas Instruments TDP158 Datasheet HTML 2Page - Texas Instruments TDP158 Datasheet HTML 3Page - Texas Instruments TDP158 Datasheet HTML 4Page - Texas Instruments TDP158 Datasheet HTML 5Page - Texas Instruments TDP158 Datasheet HTML 6Page - Texas Instruments TDP158 Datasheet HTML 7Page - Texas Instruments TDP158 Datasheet HTML 8Page - Texas Instruments TDP158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
3
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RSB Package
WQFN (40 Pins)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
SUPPLY AND GROUND PINS
VCC
11, 37
P
3.3V Power Supply
VDD
12,20,31,40
P
1.1V Power Supply
GND
15, 35
Thermal Pad
G
Ground
MAIN LINK INPUT PINS
IN_D2p/n
1, 2
I
Channel 2 Differential Input
IN_D1p/n
4, 5
I
Channel 1 Differential Input
IN_D0p/n
6, 7
I
Channel 0 Differential Input
IN_CLKp/n
9, 10
I
Clock Differential Input
MAIN LINK OUTPUT PINS (FAIL SAFE)
OUT_D2n/p
29, 30
O
TMDS Data 2 Differential Output
OUT_D1n/p
26, 27
O
TMDS Data 1 Differential Output
OUT_D0n/p
24, 25
O
TMDS Data 0 Differential Output
OUT_CLKn/p
21, 22
O
TMDS Data Clock Differential Output
HOT PLUG DETECT AND DDC PINS
HPD_SRC
3
O
Hot Plug Detect Output to source side
HPD_SNK
28
I
Hot Plug Detect Input from sink side
SDA_SNK
33
I/O
Sink Side Bidirectional DDC Data Line
SCL_SNK
32
I/O
Sink Side Bidirectional DDC Clock Line
SDA_SRC
39
I/O
Source Side Bidirectional DDC Data Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com