Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 30Page - Texas Instruments TDP158 Datasheet HTML 31Page - Texas Instruments TDP158 Datasheet HTML 32Page - Texas Instruments TDP158 Datasheet HTML 33Page - Texas Instruments TDP158 Datasheet HTML 34Page - Texas Instruments TDP158 Datasheet HTML 35Page - Texas Instruments TDP158 Datasheet HTML 36Page - Texas Instruments TDP158 Datasheet HTML 37Page - Texas Instruments TDP158 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
34
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.7 CSR BIT FIELD DEFINITIONS – MISC CONTROL 0Bh (address = 0Bh)
Figure 31. MISC CONTROL 0Bh Field Descriptions
7
6
5
4
3
2
1
0
SLEW_CTL_CLK
Reserved
TERM
DDC_DR_SEL
TMDS_CLOCK
_RATIO_STAT
US
DDC_TRAIN_S
ETDISABLE
R/W
R
R/W
R/W
R/W/U
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 14. MISC CONTROL 0Bh
Bit
Field
Type
Reset
Description
7:6
SLEW_CTL_CLK
R/W
2’b01
See Slew Rate Control
00 – Slowest ~ 215 ps
01 – Mid-Range 1 (Default) ~ 185 ps
10 – Mid-Range 2 ~ 155 ps
11 – Fastest ~ 125 ps
Values are typical
5
Reserved
R
1’b0
Reserved
4:3
TERM
R/W
2’b10
Controls termination for HDMI TX. See Transmitter Impedance
Control
00 – 150 to 300
Ω
01 – No termination
10 – Follows TMDS_CLOCK_RATIO_STATUS bit (default).
When = 1 termination value is 75 to 150
Ω:
When = 0 No termination
11 – 75 to 150
Ω:
Note: When TMDS_CLOCK_RATIO_STATUS bit reg0Bh[1] = 1
this register will automatically be set to 11 for 75 to 150
Ω but
can be overwritten using this address
2
DDC_DR_SEL
R/W
1’b0
Defines the DDC output speed for DDC bridge 0 = 100kbps
(default) 1 = 400kbps
1
TMDS_CLOCK_RATIO_STATUS
R/W/U
1’b0
This field is updated from snoop of I2C write to slave address
0xA8 offset 0x20 bit 1 that occurred on the
SDA_SRC/SCL_SRC interface. When bit 1 of address 0xA8
offset 0x20 is written to a 1’b1 or read as a 1’b1, then this field
will be set to a 1’b1. When bit 1 of address 0xA8 offset 0x20 is
written to a 1’b0, then this field will be set to a 1’b0. This field is
reset to default value whenever HPD_SNK is de-asserted for
greater than 2ms. The main function of this bit is to automatically
set the proper TX termination when value = 1.
0 – HDMI1.4b (default)
1 – HDMI2.0
Note 1. When DDC_TRAIN_SETDISABLE is 1’b0 this bit will
reflect the value of the DDC snoop.
Note 2. When DDC_TRAIN_SETDISABLE is 1’b1 this bit is set
by I2C and DDC snoop is ignored. If this bit was set to 1 during
snoop prior to the DDC_TRAIN_SETDISABLE being set to 1 it
will be cleared to 0.
0
DDC_TRAIN_SETDISABLE
R/W
1’b0
This field indicate the DDC training block function status.
0 – DDC training enable (default)
1 – DDC training disable –DDC snoop disabled
Note 1. When DDC_TRAIN_SETDISABLE is 1’b0 the
TMDS_CLOCK_RATIO_STUATU bit will reflect the value of the
DDC snoop.
Note 2. When DDC_TRAIN_SETDISABLE is 1’b1 this bit is set
by I2C and DDC snoop is ignored and thus automatic TERM
control is ignored and must be manually set and
TMDS_CLOCK_RATIO_STATUS bit will be cleared.
Note 3. To go back to snoop and automatic TERM control this
bit has to be cleared and TERM set back to automatic control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com