Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 35Page - Texas Instruments TDP158 Datasheet HTML 36Page - Texas Instruments TDP158 Datasheet HTML 37Page - Texas Instruments TDP158 Datasheet HTML 38Page - Texas Instruments TDP158 Datasheet HTML 39Page - Texas Instruments TDP158 Datasheet HTML 40Page - Texas Instruments TDP158 Datasheet HTML 41Page - Texas Instruments TDP158 Datasheet HTML 42Page - Texas Instruments TDP158 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
39
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.16 CSR BIT FIELD DIFINITIONS, DP-Mode and INDIVIDUAL LANE CONTROL (address = 35h)
See Section DP-Mode Description and Lane Control Note: DP-Mode is valid only when DP-Mode Register
P0_Reg09[5] is set to one
Figure 40. DP-Mode and INDIVIDUAL LANE CONTROL
7
6
5
4
3
2
1
0
Reserved
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 23. DP-Mode and INDIVIDUAL LANE CONTROL Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Reserved
R
‘h00
Reserved
8.5.17 CSR BIT FIELD DIFINITIONS, DP-Mode and INDIVIDUAL LANE CONTROL (address = 4Dh)
See Section DP-Mode Description and Lane Control Note: DP-Mode is valid only when DP-Mode Register
P0_Reg09[5] is set to one
Figure 41. DP-Mode and INDIVIDUAL LANE CONTROL
7
6
5
4
3
2
1
0
Reserved
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 24. DP-Mode and INDIVIDUAL LANE CONTROL Field Descriptions
Bit
Field
Type
Reset
Description
7:0
Reserved
R
‘h00
Reserved
8.5.18 CSR BIT FIELD DIFINITIONS, DP-Mode and INDIVIDUAL LANE CONTROL (address = 4Eh)
See Section DP-Mode Description and Lane Control Note: DP-Mode is valid only when DP-Mode Register
P0_Reg09[5] is set to one
Figure 42. DP-Mode and INDIVIDUAL LANE CONTROL
7
6
5
4
3
2
1
0
Data Lane 1 Fixed EQ Values
Data Lane 2 Fixed EQ Values
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 25. DP-Mode and INDIVIDUAL LANE CONTROL Field Descriptions
Bit
Field
Type
Reset
Description
7:4
Data Lane 1 Fixed EQ Values
R/W
4’b0000
Section 8.3.6 and Table 8 2 for values
0000 – 0 dB (default)
3:0
Data Lane 2 Fixed EQ Values
R/W
4’b0000
Section 8.3.6 and Table 8 2 for values
0000 – 0 dB (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com