Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 24Page - Texas Instruments TDP158 Datasheet HTML 25Page - Texas Instruments TDP158 Datasheet HTML 26Page - Texas Instruments TDP158 Datasheet HTML 27Page - Texas Instruments TDP158 Datasheet HTML 28Page - Texas Instruments TDP158 Datasheet HTML 29Page - Texas Instruments TDP158 Datasheet HTML 30Page - Texas Instruments TDP158 Datasheet HTML 31Page - Texas Instruments TDP158 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
VOD(SS)
VOD(PP)
Reg0Ch[1:0] = 00
VSADJ = 6
NŸ
Reg0Ch[1:0] = 01
VSADJ = 6
NŸ
VOD(SS)
VOD(PP)
Reg0Ch[1:0] = 00
VSADJ = 6
NŸ
Reg0Ch[1:0] = 10
VSADJ = 6
NŸ
28
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.11 Pre-emphasis
The TDP158 provides Pre-emphasis on the data lanes allowing the output signal pre-conditioning to offset
interconnect losses between the TDP158 outputs and a TMDS receiver. Pre-emphasis is not implemented on the
clock lane unless the TDP158 is in DP Mode and at which time it becomes a data lane. The default value for
Pre-emphasis is 0 dB. There are two methods to implement pre-emphasis, pin strapping or through I2C
programming. When using pin strapping the SDA_CTL/PRE pin controls global pre-emphasis values of 0 dB or
3.5 dB. Through I2C, reg0Ch[1:0] pre-emphasis values are 0 dB, 3.5 dB and 6 dB. The 6 dB value has different
meanings when device is normal operational mode, reg09h[5] = 0, or when the TDP158 has been put into DP-
Mode, reg09h[5] = 1. In normal operation supporting HDMI when selecting 6 dB pre-emphasis the output will be
more on the order of 3 dB pre-emphasis with a 3 dB de-emphasis, see Figure 25. For DP-Mode selecting 6 dB
pre-emphasis the output will be more on the order of 3 dB pre-emphasis with a 3 dB de-emphasis, see
Figure 26. Table 7 shows VOD(SS) typical values based upon VSADJ setting configured by 6 kΩ VSADJ resistor
for both HDMI mode and DP mode. VOD(PP) value will not go above 1 V.
Figure 25. 3.5 dB Pre-emphasis in Normal Operation
Figure 26. 6 dB Pre-emphasis in DP-Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com