Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 3Page - Texas Instruments TDP158 Datasheet HTML 4Page - Texas Instruments TDP158 Datasheet HTML 5Page - Texas Instruments TDP158 Datasheet HTML 6Page - Texas Instruments TDP158 Datasheet HTML 7Page - Texas Instruments TDP158 Datasheet HTML 8Page - Texas Instruments TDP158 Datasheet HTML 9Page - Texas Instruments TDP158 Datasheet HTML 10Page - Texas Instruments TDP158 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The Typical rating is simulated at 3.3 V VCC and 1.1 V VDD and at 27°C temperature unless otherwise noted
(2)
The Maximum rating is simulated at 3.6 V VCC and 1.27 V VDD and at 85°C temperature unless otherwise noted
6.5 Electrical Characteristics, Power Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
PD1
Device power Dissipation
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS
pattern, VI = 3.3 V, I2C_EN = L,
SDA_CTL/PRE = L, EQ1/EQ2 = H
200
350
mW
PD2
Device power Dissipation in DP-
Mode
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
IN_Dx: VID_PP = 400mV, 5.4 Gbps DP
pattern, I2C_EN = H, VOD = 400 mV PRE =
0 dB
330
680
mW
P(STBY1)
Stage 1: Standby Power
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V , HPD = H, No input Signal: Stage
1 See Standby Power
25
mW
Stage 2: Standby Power
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V , HPD = H, Noise on input Signal:
Stage 2 See Standby Power
55
mW
P(SD1)
Device power in PowerDown
OE = L, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
8
20
mW
P(SD2)
Device power in PowerDown in
DP-Mode
OE = L, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
8
20
mW
ICC1
VCC Supply current
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS
pattern
I2C_EN = L, SDA_CTL/PRE = L, EQ1/EQ2
= H,
8
20
mA
ICC2
VCC Supply current in DP-Mode
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
IN_Dx: VID_PP = 400 mV, 5.4 Gbps DP
pattern, I2C_EN = H, VOD = 400 mV PRE =
0 dB
45
110
mA
IDD1
VDD Supply current
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS
pattern
I2C_EN = L, SDA_CTL/PRE = L, EQ1/EQ2
= H
160
220
mA
IDD2
VDD Supply current DP-Mode
OE = H, VCC = 3.3 V/3.6 V, VDD = 1.1
V/1.27 V
IN_Dx: VID_PP = 400 mV, 5.4 Gbps DP
pattern, I2C_EN = H, VOD = 40mV PRE =
dB
160
220
mA
I(STBY1)
Stage 1: Standby current See
Standby Power
OE = H, VCC = 3.3V/3.6V,
VDD = 1.1 V/1.27 V , HPD =
H: No signal on IN_CLK
3.3 V Rail
3
mA
1.1 V Rail
10
mA
Stage 2: Standby current See
Standby Power
OE = H, VCC = 3.3 V/3.6 V,
VDD = 1.1 V/1.27 V , HPD =
H: No valid signal on
IN_CLK
3.3 V Rail
5
mA
1.1 V Rail
27
mA
I(SD11)
PowerDown current – HDMI Mode
OE = L, VCC = 3.3 V/3.6 V,
VDD = 1.1 V/1.27 V , or OE
= H, HPD = L
3.3 V Rail
1
2
mA
1.1 V Rail
4
10
mA
I(SD2)
PowerDown current in DP-Mode
OE = L, VCC = 3.3 V/3.6 V,
VDD = 1.1 V/1.27 V
3.3 V Rail
1
2
mA
1.1 V Rail
4
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com