Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 25Page - Texas Instruments TDP158 Datasheet HTML 26Page - Texas Instruments TDP158 Datasheet HTML 27Page - Texas Instruments TDP158 Datasheet HTML 28Page - Texas Instruments TDP158 Datasheet HTML 29Page - Texas Instruments TDP158 Datasheet HTML 30Page - Texas Instruments TDP158 Datasheet HTML 31Page - Texas Instruments TDP158 Datasheet HTML 32Page - Texas Instruments TDP158 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
29
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 7. Swing and Pre-emphasis Programming Based Upon 6 kΩ VSADJ Resistor
Global Control
Independent Lane Control
Mode
Reg09h[6]
Lane CTL
Reg09[5]
Mode CTL
P0_Reg0C[7:0]
Reg09h[6]
Lane CTL
Reg09[5]
Mode CTL
P0_Reg0C[7:0]
HDMI
0
0
8’h00
1
0
8’h00
DP SWG0, PRE0
0
1
8’h80
1
1
8’h80
DP SWG0, PRE1
0
1
8’hC1
1
1
8’hC1
DP SWG0, PRE2
0
1
8’h42
1
1
8’h42
DP SWG1, PRE0
0
1
8’hC0
1
1
8’hA0
DP SWG1, PRE1
0
1
8’hF1
1
1
8’h21
DP SWG1, PRE2
0
1
8’h52
1
1
8’h62
DP SWG2, PRE0
0
1
8’h20
1
1
8’h00
DP SWG2, PRE1
0
1
8’h51
1
1
8’h61
8.3.12 DP-Mode Description
The TDP158 has the ability to perform as a DisplayPort redriver under the right conditions. The TDP158 is put
into this mode by setting reg09h[5] to 1. The device is now programmable through I2C only. As the transmitter is
a DC coupled transmitter supporting TMDS some external circuits are required to level shift the signal to an AC
coupled DisplayPort signal, see Figure 49. Note that the AUX lines bypass the TDP158. To set the device up
correctly during link training the TDP158 must be programmed using I2C. When this bit is set, the TDP158 does
the following:
•
Ignore SWAP function
•
Ignore SIG_EN function
•
Enable all four lanes and set to support 5.4 Gbps data rate
•
Sets VOD swing to the lowest level based on a 6 kΩ VSADJ resistor value
•
Sets Pre-emphasis to 0 dB
•
Defaults to global lane control
•
Can be set to independent lane control by setting P0_Reg09[6] to a 1. This should be done after
implementing DP Mode. Individual Lane control starts on P0_Reg30 through P0_Reg34 and also P0_Reg4E
and 4F
In order for the system implementer to configure the TDP158 output to the properly requested levels during link
training, the following registers are used.
•
Reg0Ch[7:5] is a global VOD swing control for all four lanes, see Table 7
•
Reg0Ch[1:0] is a global Pre-emphasis control for all four lanes, see Table 7. This register works with
Reg30h[7:6]
•
Reg0D[6:3] is a global EQ control for all four lanes
•
Reg30h[7:6] is to let the TDP158 know what the data rate is. This is used for the delay component for Pre-
emphasis signal.
•
Reg30h[5:2] is used to turn on or off individual lanes
Power down states while in DP-Mode are implemented the same as if in normal operation. See the Electrical
Characteristics, TMDS Differential Output for the outputs based upon the VSADJ 6 kΩ VSADJ resistor.
8.4 Device Functional Modes
8.4.1 DDC Training for HDMI2.0 Data Rate Monitor
As part of discovery the source reads the sink E-EDID information to understand the sink’s capabilities. Part of
this read is HDMI Forum Vendor Specific Data Block (HF-VSDB) MAX_TMDS_Character_Rate byte to determine
the data rate supported. Depending upon the value the source will write to slave address 0xA8 offset 0x20 bit1,
TMDS_CLOCK_RATIO_STATUS. The TDP158 snoops the DDC link to determine the TMDS clock ratio status
and thus sets its own TMDS_CLOCK_RATIO_STATUS bit accordingly. If a ‘1’ is written by the source the TMDS
clock is 1/40 of TMDS bit period. If a ‘0’ is written, then the TMDS clock is 1/10 of TMDS bit period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com