Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 6Page - Texas Instruments TDP158 Datasheet HTML 7Page - Texas Instruments TDP158 Datasheet HTML 8Page - Texas Instruments TDP158 Datasheet HTML 9Page - Texas Instruments TDP158 Datasheet HTML 10Page - Texas Instruments TDP158 Datasheet HTML 11Page - Texas Instruments TDP158 Datasheet HTML 12Page - Texas Instruments TDP158 Datasheet HTML 13Page - Texas Instruments TDP158 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
10
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The Typical rating is simulated at 3.3 V VCC and 1.1 V VDD and at 27°C temperature unless otherwise noted
(2)
The Maximum rating is simulated at 3.6 V VCC and 1.27 V VDD and at 85°C temperature unless otherwise noted
6.8 Electrical Characteristics, DDC, I2C, HPD, and ARC
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
DDC and I2C
VIL
SCL/SDA_CTL, SCL/SDA_SRC low
level input voltage
0.3 x VCC
V
VIH
SCL/SDA_CTL, input voltage
0.7 x VCC
VCC + 0.5
V
VOL
SCL/SDA_CTL, SCL/SDA_SRC low
level output voltage
IO = 3 mA and VCC > 2 V
0.4
V
IO = 3 mA and VCC > 2 V
0.2 x VCC
V
HPD
VIH
High-level input voltage
HPD_SNK
2.1
V
VIL
Low-level input voltage
HPD_SNK
0.8
V
VOH
High-level output voltage
IOH = –500 µA; HPD_SRC,
2.4
3.6
V
VOL
Low-level output voltage
IOL = 500 µA; HPD_SRC,
0
0.4
V
ILKG
Failsafe condition leakage current
VCC = 0 V; VDD = 0 V;
HPD_SNK = 5 V;
40
μA
IH(HPD)
High level input current
Device powered; VIH = 5 V; IH(HPD)
includes R(pdHPD) resistor current
40
μA
Device powered; VIL = 0.8 V; IL(HPD)
includes R(pdHPD) resistor current
30
μA
R(pdHPD)
HPD input termination to GND
VCC = 0 V
150
190
220
k
Ω
(1)
Does not support Level 3 Swing or Pre-emphasis
6.9 Electrical Characteristics, TMDS Differential Output in DP-Mode
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
V(TX_DIFFPP_LVL0)
Differential peak-to-peak output
voltage level 0
Based on default state of
V0_P0_VOD register
410
V
V(TX_DIFFPP_LVL1)
Differential peak-to-peak output
voltage level 1
Based on default state of
V1_P0_VOD register
610
V
V(TX_DIFFPP_LVL2)
Differential peak-to-peak output
voltage level 2
Based on default state of
V2_P0_VOD register
815
V
ΔVOD(L0L1)
Output peak-to-peak differential
voltage delta
ΔVODn = 20×log(VODL(n+1) /
VODL(n)) measured in compliance
with latest PHY CTS1
1
6
dB
ΔVOD(L1L2)
1
5
dB
V(TX_PRE_RATIO_0)
Pre-emphasis level 0
RBR, HBR and HBR2
0
dB
V(TX_PRE_RATIO_1)
Pre-emphasis level 1
RBR, HBR and HBR2
2
4.2
dB
V(TX_PRE_RATIO_2)
Pre-emphasis level 2
RBR, HBR and HBR2
5
7.2
dB
ΔVPRE(L1L0)
Pre-emphasis delta
Measured in compliance with
latest PHY CTS
2
dBdB
ΔVPRE(L2L1)
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com