Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 37Page - Texas Instruments TDP158 Datasheet HTML 38Page - Texas Instruments TDP158 Datasheet HTML 39Page - Texas Instruments TDP158 Datasheet HTML 40Page - Texas Instruments TDP158 Datasheet HTML 41Page - Texas Instruments TDP158 Datasheet HTML 42Page - Texas Instruments TDP158 Datasheet HTML 43Page - Texas Instruments TDP158 Datasheet HTML 44Page - Texas Instruments TDP158 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
HDMI/DVI
Receptacle
IN_CLKp
OUT_CLKp
IN_D1p
OUT_D1p
IN_D0p
OUT_D0p
OUT_D2n
IN_D2p
5 V
HPD_SNK
SDA_SNK
SCL_SNK
OE
VSADJ
0.1 µF
6
.Ÿ
1%
ML0p
ML1p
ML2p
ML3p
0
Ÿ
1
0Ÿ
0.1 uF
HPD
HPD_SRC
2
.Ÿ
Optional
TMDS_D2p
HPD
DDC_SDA
DDC_SCL
IN_D2n
0.1 µF
ML0n
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
ML1n
ML2n
ML3n
IN_CLKn
IN_D1n
IN_D0n
1
7
4
5
6
10
9
2
2
.Ÿ
2
.Ÿ
DDC_SCL
DDC_SDA
2
.Ÿ
SDA_SRC
SCL_SRC
OUT_D2p
OUT_CLKn
OUT_D1n
OUT_D0n
TMDS_D2n
TMDS_D0p
TMDS_D0n
TMDS_D1p
TMDS_D1n
TMDS_CLKp
TMDS_CLKn
3
36
18
39
38
6
1
3
4
9
7
12
10
16
15
11
19
11
2
5
8
17
14
15
37
GND1
GND3
GND6
GND2
GND4
GND5
0.01 µF
20
22
23
21
0
Ÿ
0
Ÿ
0
Ÿ
I2C_EN
TERM
EQ1/A0
EQ2/A1
SLEW
23
16
17
34
8
2
.Ÿ
2
.Ÿ
I2C_SCL
I2C_SDA
SDA_CTL/PRE
SCL_CTL/SWAP
14
13
100
.Ÿ
CAD_DET
0.1 µF
0.1 µF
10 µF
VCC_3.3 V
CEC
CEC
CEC
CEC
13
VDD_1.1 V
12
19
20 31 40
VCC_3.3 V
GND
GND
THERMAL PAD
35
CASE_GND1
CASE_GND2
CASE_GND3
CASE_GND4
30
24
27
26
25
21
22
29
32
28
33
VCC_3.3 V
VCC_3.3 V
VCC_3.3V
0.1 µF
0.1 µF
0.1 µF
10 µF
VDD_1.1 V
0.1 µF
0.1 µF
0.1 µF
0
Ÿ
0
Ÿ
0
Ÿ
0
NC
Populated only when using Pin Strapping
Populated only when using I2C
Copyright © 2016, Texas Instruments Incorporated
41
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TDP158 was defined to work in mainly in source applications such as Blu-Ray DVD player, Desktop,
Notebook or AVR. When in a sink application there are several system level architectures that must be
considered. The following sections provide design consideration for various types of applications.
9.2 Typical Application
Figure 44 provides a schematic representation of what is considered a standard implementation.
Figure 44. TDP158 in Source Side Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com