Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 45Page - Texas Instruments TDP158 Datasheet HTML 46Page - Texas Instruments TDP158 Datasheet HTML 47Page - Texas Instruments TDP158 Datasheet HTML 48Page - Texas Instruments TDP158 Datasheet HTML 49Page - Texas Instruments TDP158 Datasheet HTML 50Page - Texas Instruments TDP158 Datasheet HTML 51Page - Texas Instruments TDP158 Datasheet HTML 52Page - Texas Instruments TDP158 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
xxxxxx
xxxxxx
xxxxxx
xxxxxx
xxxxxx
xxxxxx
xxxxxx
1
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
65
NŸ
65
NŸ
VCC
GND
GND
VCC
VCC
2k/65
NŸ
VCC
VCC
VCC
5V
5V
65
NŸ
65
NŸ
2
NŸ
2
NŸ
2
NŸ
2
NŸ
GND
Place VCC and VDD decoupling caps
as close to VCC and VDD pins as
possible
Match High Speed traces length as
close as possible to minimize Ske
Match High Speed traces length as
close as possible to minimize Ske
HPD_SRC
HPD_SNK
IN_D2p/n
IN_D1p/n
IN_D0p/n
OUT_D2p/n
IN_CLKp/n
I2C_EN
A1/EQ2
OUT_D1p/n
OUT_D0p/n
OUT_CLKp/n
SDA_SNK
SCL_SNK
SDA_SRC
SDA_CTL
SCL_SRC
SCL_CTL
VSADJ
A0/EQ1
DE
SLEW
GND
TERM
SWAP
65
NŸ
2k/65
NŸ
For I2C only Pop pull up
and use 2
NŸ
For DE and SWAP only Pop pull
up or pull down and use 65
NŸ
49
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11.2 Layout Example
The differential input lanes and differential output lanes should be separated as close to the TDP158 as feasible in
order to minimize crosstalk. Adding a ground flood plain between each differential lane further reduces crosstalk and
thus improves signal integrity at high speed data rates.
Figure 51. Example Layout for Source Side Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com