Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 5Page - Texas Instruments TDP158 Datasheet HTML 6Page - Texas Instruments TDP158 Datasheet HTML 7Page - Texas Instruments TDP158 Datasheet HTML 8Page - Texas Instruments TDP158 Datasheet HTML 9Page - Texas Instruments TDP158 Datasheet HTML 10Page - Texas Instruments TDP158 Datasheet HTML 11Page - Texas Instruments TDP158 Datasheet HTML 12Page - Texas Instruments TDP158 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
9
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The Typical rating is simulated at 3.3 V VCC and 1.1 V VDD and at 27°C temperature unless otherwise noted
(2)
The Maximum rating is simulated at 3.6 V VCC and 1.27 V VDD and at 85°C temperature unless otherwise noted
6.7 Electrical Characteristics, TMDS Differential Output
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
VOH
Single-ended high level output voltage
Data rate
≤ 1.65 Gbps
SDA_CTL/PRE = L; TERML = NC; OE =
H;
DR = 750 Mbps
VCC - 10
VCC + 10
V
Single-ended high level output voltage
Datarate >1.65 Gbps and < 3.4 Gbps
SDA_CTL/PRE = L ; TERM = L, NC; OE
= H; DR = 2.97 Gbps
VCC - 200
VCC + 10
V
Single-ended high level output voltage
Datarate > 3.4 Gbps and < 6 Gbps
SDA_CTL/PRE =L ; TERM = H; OE = H;
DR = 6 Gbps
VCC - 400
VCC + 10
V
VOL
Single-ended low level output voltage
Data rate
≤1.65 Gbps
SDA_CTL/PRE = L ; TERM = NC; OE =
H;
DR = 750 Mbps
VCC - 600
VCC - 400
V
Single-ended low level output voltage
Datarate >1.65Gbps and <3.4Gbps
SDA_CTL/PRE = L ; TERM = L NC; OE =
H;
DR = 2.97 Gbps
VCC - 700
VCC - 400
V
Single-ended low level output voltage
Datarate > 3.4 Gbps and < 6 Gbps
SDA_CTL/PRE = L ; TERM = H; OE = H;
DR = 6 Gbps
VCC - 1000
VCC - 400
V
V(SWING_DA)
Single-ended output voltage swing on
data lane
SDA_CTL/PRE = L ; TERM = H/Z/L; OE
= H;
DR = 750 Mbs, 2.97 Gbps, 6 Gbps VSADJ
= 5.5 kΩ;
400
500
600
mV
V(SWING_CLK)
Single-ended output voltage swing on
clock lane
SDA_CTL/PRE = L ; TERM = L, NC; OE
= H;
Data rate
≤ 3.4 Gbps
400
500
600
mV
SDA_CTL/PRE = L ; TERM = H; OE = H;
Data rate > 3.4 Gbps
200
300
400
mV
ΔV(SWING)
Change in single-end output voltage
swing per 100 Ω ΔVSADJ
20
mV
ΔVOCM(SS)
Change in steady state output common
mode voltage between logic levels
-5
5
mV
VOD(PP)
Output differential voltage before Pre-
emphasis; See Pre-emphasis
VSADJ = 6 kΩ; SDA_CTL/PRE = H:
See Figure 9
600
1000
mV
VOD(SS)
Steady state output differential voltage
See Pre-emphasis
VSADJ = 6 kΩ; SDA_CTL/PRE = H,
See Figure 9
350
720
mV
VSADJ = 5.5 kΩ; SDA_CTL/PRE = L,
See Figure 8
350
1000
mV
VOD(range)
Total TMDS data lanes output differential
voltage for HDMI2.0
See Figure 11
3.4 Gbps < Rbit ≤ 3.712 Gps
SLEW = H; TERM = H;
SDA_CTL/PRE = L; OE = H
335
mV
3.712 Gbps < Rbit < 5.94 Gbp
SLEW = H; TERM = H;
SDA_CTL/PRE = L; OE = H
-19.66 x
(RBIT2) +
(106.74 x
Rbit) +
209.58
mV
5.94 Gbps
≤ Rbit ≤ 6 Gbps
SLEW = H; TERM = H;
SDA_CTL/PRE = L; OE = H
150
mV
IOS
Short circuit current limit
Main link output shorted to GND
50
mA
R(TERM)
Source Termination resistance for
HDMI2.0
75
150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com