Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 13Page - Texas Instruments TDP158 Datasheet HTML 14Page - Texas Instruments TDP158 Datasheet HTML 15Page - Texas Instruments TDP158 Datasheet HTML 16Page - Texas Instruments TDP158 Datasheet HTML 17Page - Texas Instruments TDP158 Datasheet HTML 18Page - Texas Instruments TDP158 Datasheet HTML 19Page - Texas Instruments TDP158 Datasheet HTML 20Page - Texas Instruments TDP158 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
H
V
0.5
0
0
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Device
SMA
SMA
SMA
SMA
Avcc
(4)
RT
RT
(5)
AVcc
RT
RT
Jitter Test
Instrument
(2,3)
TTP4
TTP2
TTP1
FR4 PCB trace
(1) &
AC coupling Caps
FR4 PCB trace
RX
+EQ
OUT
RX
+EQ
OUT
SMA
SMA
SMA
SMA
TTP3
Jitter Test
Instrument
(2,3)
Data +
Data -
Clk+
Clk-
Parallel
(6)
BERT
[No Pre-
emphasis]
REF
Cable
EQ
REF
Cable
EQ
TTP4_EQ
TTP2_EQ
Copyright © 2016, Texas Instruments Incorporated
17
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
(1)
The FR4 trace between TTP1 and TTP2 is designed to emulate 1-8” of FR4, AC coupling cap, connector and another
1-8” of FR4. Trace width – 4 mils. 100 Ω differential impedance.
(2)
All Jitter is measured at a BER of 109
(3)
Residual jitter reflects the total jitter measured at TTP4 minus the jitter measured at TTP
(4)
AVCC = 3.3 V
(5)
RT = 50 Ω
(6)
The input signal from parallel Bert does not have any pre-emphasis. Refer to recommended operating conditions.
Figure 10. HDMI Output Jitter Measurement
Figure 11. Output Eye Mask at TTP4_EQ for HDMI 2.0
TMDS Data Rate (Gbps)
H (Tbit)
V (mV)
3.4 < DR < 3.712
0.6
335
3.712 < DR < 5.94
–0.0332Rbit2 + 0.2312 Rbit + 0.1998
–19.66Rbit2 + 106.74Rbit + 209.58
5.94
≤ DR ≤ 6.0
0.4
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com