Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 27Page - Texas Instruments TDP158 Datasheet HTML 28Page - Texas Instruments TDP158 Datasheet HTML 29Page - Texas Instruments TDP158 Datasheet HTML 30Page - Texas Instruments TDP158 Datasheet HTML 31Page - Texas Instruments TDP158 Datasheet HTML 32Page - Texas Instruments TDP158 Datasheet HTML 33Page - Texas Instruments TDP158 Datasheet HTML 34Page - Texas Instruments TDP158 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
31
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
The following procedure is followed to write to the TDP158 I2C registers:
1. The master initiates a write operation by generating a start condition (S), followed by the TDP158 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TDP158 acknowledges the address cycle.
3. The master presents the sub-address (I2C register within TDP158) to be written, consisting of one byte of
data, MSB-first.
4. The TDP158 acknowledges the sub-address cycle.
5. The master presents the first byte of data to be written to the I2C register.
6. 6. The TDP158 acknowledges the byte transfer.
7. The master may continue presenting additional bytes of data to be written, with each byte transfer completing
with an acknowledge from the TDP158.
8. The master terminates the write operation by generating a stop condition (P).
The following procedure is followed to read the TDP158 I2C registers:
1. The master initiates a read operation by generating a start condition (S), followed by the TDP158 7-bit
address and a one-value “W/R” bit to indicate a read cycle.
2. The TDP158 acknowledges the address cycle.
3. The TDP158 transmit the contents of the memory registers MSB-first starting at register 00h.
4. The TDP158 will wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the master after
each byte transfer; the I2C master acknowledges reception of each data byte transfer.
5. If an ACK is received, the TDP158 transmits the next byte of data.
6. The master terminates the read operation by generating a stop condition (P).
NOTE
Upon reset, the TDP158 sub-address will always be set to 0x00. When no sub-address is
included in a read operation, the TDP158 sub-address will increment from previous
acknowledged read or write data byte. If it is required to read from a sub-address that is
different from the TDP158 internal sub-address, a write operation with only a sub-address
specified is needed before performing the read operation.
Refer to Local I2C Control BIT Access TAG Convention for TDP158 local I2C register descriptions. Reads from
reserved fields or addresses not specified return zeros. If they are written to and then read they will read back
what was written but will not impact the device features or performance.
8.5.1 Local I2C Control BIT Access TAG Convention
Reads from reserved fields shall return zero, and writes to read-only reserved registers shall be ignored. Writes
to reserved register which are marked with ‘W’ will produce unexpected behavior. All addresses not defined by
this specification shall be considered reserved. Reads from these addresses shall return zero and writes shall be
ignored
8.5.2 BIT Access Tag Conventions
A table of bit descriptions is typically included for each register description that indicates the bit field name, field
description, and the field access tags. The field access tags are described in Table 9.
Table 9. Field Access Tags
Access Tag
Name
DESCRIPTION
R
Read
The field shall be read by software
W
Write
The field shall be written by software
S
Set
The field shall be set by a write of one. Writes of Zero to the field have no effect
C
Clear
The field shall be cleared by a write of one. Writes of Zero to the field have no effect
U
Update
Hardware may autonomously update this field
NA
No Access
Not accessible or not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com