Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 5 Page - Texas Instruments

  TDP158 Datasheet HTML 1Page - Texas Instruments TDP158 Datasheet HTML 2Page - Texas Instruments TDP158 Datasheet HTML 3Page - Texas Instruments TDP158 Datasheet HTML 4Page - Texas Instruments TDP158 Datasheet HTML 5Page - Texas Instruments TDP158 Datasheet HTML 6Page - Texas Instruments TDP158 Datasheet HTML 7Page - Texas Instruments TDP158 Datasheet HTML 8Page - Texas Instruments TDP158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
5
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply Voltage Range(3)
VCC
–0.3
4
V
VDD
–0.3
1.4
V
Voltage Range
Main Link Input Differential Voltage (IN_Dx)
–0.3
1.56
V
Main Link Input Single Ended on Pin
–0.3
1.4
V
TMDS Output ( OUT_Dx)
–0.3
4
V
HPD_SRC, VSADJ, SDA_CTL/PRE, OE,
A1/EQ2, A0/EQ1, TERM, I2C_EN, SLEW,
SCL_CTL/SWAP, SDA_SRC, SCL_SRC
–0.3
4
V
HDP_SNK, SDA_SNK, SCL_SNK
–0.3
6
V
Continuous power dissipation
See Thermal Information
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply Voltage Nominal Value 3.3 V
3
3.6
V
VDD
Supply Voltage Nominal Value 1.1 V
1
1.27
V
TJ
Junction temperature
–40
105
°C
TA
Operating free-air temperature (TDP158)
0
85
°C
Operating free-air temperature (TDP158I)
–40
85
°C
MAIN LINK DIFFERENTIAL PINS
VID(EYE)
Peak-to-peak input differential voltage See Figure 19
75
1200
mV
VID(DC)
The input differential voltage Peak-to peak DC level, See Figure 19
200
1200
mV
VIC
Input Common Mode Voltage (Internally Biased)
0.5
0.9
V
dR
Data rate
0.25
6
Gbps
VSADJ
TMDS compliant swing voltage bias resistor Nominal 6 k
Ω
–1%
1%
DDC, I2C, HPD, AND CONTROL PINS
VI(DC)
DC Input Voltage
HDP_SNK, SDA_SNK, SCL_SNK,
–0.3
5.5
V
SDA_SRC, SCL_SRC; All other Local I2C, and
control pins
–0.3
3.6
V
VIL
Low-level input voltage at DDC
0.3 x VCC
V
Low-level input voltage at HPD
0.8
V
Low-level input voltage at SDA_CTL/PRE, OE, A1/EQ2, A0/EQ1, TERM,
I2C_EN, SLEW, SCL_CTL/SWAP pins only
0.3
V
VIM
Mid-Level input voltage at A1/EQ2, A0/EQ1, TERM, SLEW pins only
1.2
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com