Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 42Page - Texas Instruments TDP158 Datasheet HTML 43Page - Texas Instruments TDP158 Datasheet HTML 44Page - Texas Instruments TDP158 Datasheet HTML 45Page - Texas Instruments TDP158 Datasheet HTML 46Page - Texas Instruments TDP158 Datasheet HTML 47Page - Texas Instruments TDP158 Datasheet HTML 48Page - Texas Instruments TDP158 Datasheet HTML 49Page - Texas Instruments TDP158 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
HDMI/DVI Receptacle or
DP Receptacle
IN_CLKp
OUT_CLKp
IN_D1p
OUT_D1p
IN_D0p
OUT_D0p
OUT_D2n
IN_D2p
5 V
HPD_SNK
SDA_SNK
SCL_SNK
OE
VSADJ
0.1 µF
6
.Ÿ
1%
ML0p
ML1p
ML2p
ML3p
0
Ÿ
1
0Ÿ
0.1 uF
HPD
HPD_SRC
2
.Ÿ
Optional
TMDS_D2p
HPD
DDC_SDA
DDC_SCL
IN_D2n
0.1 µF
ML0n
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
ML1n
ML2n
ML3n
IN_CLKn
IN_D1n
IN_D0n
1
7
4
5
6
10
9
2
2
.Ÿ
2
.Ÿ
DDC_SCL
DDC_SDA
2
.Ÿ
SDA_SRC
SCL_SRC
OUT_D2p
OUT_CLKn
OUT_D1n
OUT_D0n
TMDS_D2n
TMDS_D0p
TMDS_D0n
TMDS_D1p
TMDS_D1n
TMDS_CLKp
TMDS_CLKn
3
36
18
39
38
6
1
3
4
9
7
12
10
16
15
19
11
2
5
8
17
14
15
GND1
GND3
GND6
GND2
GND4
GND5
20
22
23
21
0
Ÿ
0
Ÿ
0
Ÿ
I2C_EN
TERM
EQ1/A0
EQ2/A1
SLEW
23
16
17
34
8
2
.Ÿ
2
.Ÿ
I2C_SCL
I2C_SDA
SDA_CTL/PRE
SCL_CTL/SWAP
14
13
100
.Ÿ
CAD_DET
0.1 µF
0.1 µF
10 µF
VCC_3.3 V
CEC
CEC
CEC
CEC
13
VDD_1.1 V
12
19
20
31
40
GND
GND
THERMAL PAD
35
CASE_GND1
CASE_GND2
CASE_GND3
CASE_GND4
30
24
27
26
25
21
22
29
32
28
33
VCC_3.3V
VCC_3.3 V
VCC_3.3 V
0.1 µF
0.1 µF
0.1 µF
10 µF
VDD_1.1 V
0.1 µF
0.1 µF
0.1 µF
NC
I2C Programming only so these can be left
floating
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 uF
AUXp
AUXn
AUXp
AUXn
AUXp
AUXn
AUXp
AUXn
For DisplayPort the link is AC
coupled. This shows one way of
doing this otherwise the capacitors
could be moved to a dongle or the
end equipment.
11
37
VCC_3.3 V
0.01 µF
Copyright © 2016, Texas Instruments Incorporated
46
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.5 9.1.2 Source Side HDMI/DP Application Using DP-Mode
The TDP158 has a special mode that will allow the device to support either HDMI or DP applications. The device
is put into this mode by setting reg09h[5] to 1. The device will self-configure with the following settings and
become I2C programmable only. The TDP158 does not support automatic Link Training for DisplayPort. AUX
channel bypasses device.
•
All four lanes are turned on and configured for 5.4 Gbps data rate.
•
Sets VOD Swing to ~ 410 mV (This value is based upon a VSADJ value of 6 kΩ).
•
Reg0Ch[7:5] is used to control VOD swing for all lanes.
•
Reg0Ch[1:0] is used to control Pre-emphasis for all lanes.
•
Reg30h[7:2] is used to turn on or off individual lanes as well as informing the TDP158 what the data rate is.
This is used for the delay component for Pre-emphasis signal.
Figure 49. TDP158 in Dual Role Source Side Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com