Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 4 Page - Texas Instruments

  TDP158 Datasheet HTML 1Page - Texas Instruments TDP158 Datasheet HTML 2Page - Texas Instruments TDP158 Datasheet HTML 3Page - Texas Instruments TDP158 Datasheet HTML 4Page - Texas Instruments TDP158 Datasheet HTML 5Page - Texas Instruments TDP158 Datasheet HTML 6Page - Texas Instruments TDP158 Datasheet HTML 7Page - Texas Instruments TDP158 Datasheet HTML 8Page - Texas Instruments TDP158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
4
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SCL_SRC
38
I/O
Source Side Bidirectional DDC Clock Line
CONTROL PINS
OE
36
I
Operation Enable/Reset Pin
OE = L: Power Down Mode
OE = H: Normal Operation
Internal weak pull up: Resets device when transistions from H to L
I2C_EN
8
I
I2C_EN = High; Puts Device into I2C Control Mode
I2C_EN = Low; Puts Device into Pin Strap Mode
SDA_CTL/PRE
14
I/0
I2C Data Signal: When I2C_EN = High;
Pre-emphasis: When I2C_EN = Low: See Pre-emphasis
DE = L: None 0 dB
DE = H: 3.5 dB
SCL_CTL/SWAP
13
I
I2C Clock Signal: When I2C_EN = High;
Lane SWAP: When I2C_EN = Low: See Swap HDMI Mode Only
SWAP = L: Normal Operation
SWAP = H: Lane Swap
VSADJ
18
I
TMDS Compliant Voltage Swing Control Nominal
Typical: 6 K
Ω Resistor to GND
A0/EQ1
17
I
3 Level
Address Bit 1 for I2C Programming when I2C_EN = High
EQ1 Pin Setting when I2C_EN = Low; Works in conjunction with A1/EQ2; See Main Link
Inputs for settings.
A1/EQ2
23
I
3 Level
Address Bit 2 for I2C Programming when I2C_EN = High
EQ2 Pin Setting when I2C_EN = Low; Works in conjunction with A0/EQ1; See Main Link
Inputs for settings
SLEW
34
I
3 Level
Clock Slew Rate Control: See Slew Rate Control
SLEW = L: Slowest ~ 215 ps
SLEW = NC (Default): Mid-range 1 ~ 155 p
SLEW = H: Fastest ~ 125 ps
TERM
16
I
3 Level
Source Termination Cotnrol: See Transmitter Impedance Control
TERM = H, 75
Ω ~ 150 Ω
TERM = L, Transmit Termination impedance in 150
Ω ~ 300 Ω
TERM = NC, No transmit Termination
Note: When TMDS_CLOCK_RATIO_STATUS bit = 1 the TDP158 sets source
termination to 75
Ω ~ 150 Ω Automatically
NC
19
NA
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com