Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 7Page - Texas Instruments TDP158 Datasheet HTML 8Page - Texas Instruments TDP158 Datasheet HTML 9Page - Texas Instruments TDP158 Datasheet HTML 10Page - Texas Instruments TDP158 Datasheet HTML 11Page - Texas Instruments TDP158 Datasheet HTML 12Page - Texas Instruments TDP158 Datasheet HTML 13Page - Texas Instruments TDP158 Datasheet HTML 14Page - Texas Instruments TDP158 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
11
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The Typical rating is simulated at 3.3 V VCC and 1.1 V VDD and at 27°C temperature unless otherwise noted
(2)
The Maximum rating is simulated at 3.6 V VCC and 1.27 V VDD and at 85°C temperature unless otherwise noted
6.10 Switching Characteristics, TMDS
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
dR
Data rate
250
6000
Mbps
tTPLH
Propagation delay time (low to high)
see Figure 7 2
250
600
ps
tPHL
Propagation delay time (high to low)
Figure 7 2
250
800
ps
tT(DATA)
Transition time (rise and fall time);
measured at 20% and 80%.
SDA_CTL = L, OE = H, All Data
Rates
Note: Data lane control by I2C only:
See Slew Rate Control
Reg0Ah[1:0] = 11 (default)
60
ps
tT(CLOCK)
Reg0Ah[1:0] = 10
80
ps
Reg0Ah[1:0] = 01
95
ps
Reg0Ah[1:0] = 00
110
ps
TERM = H; Reg0Bh[7:6] = 11
125
ps
Reg0Bh[7:6] = 10
155
ps
TERM = L; Reg0Bh[7:6] = 00
185
ps
TERM = NC; Reg0Bh[7:6] = 01
215
ps
tTX_INTRA
Intra-pair output skew
See Figure 6
Default setting for internal intra-pair
skew adjust, TERM = Z;
SDA_CTL/PRE = L; 1.48 Gbps, 2.97
Gbps, 6 Gbps Data Lines, 148 MHz,
297 MHz Clock
24
ps
tTX_INTER
Inter-pair output skew
See Figure 6
Default setting for internal inter-pair
skew adjust, TERM = Z;
SDA_CTL/PRE = L; 1.48 Gbps, 2.97
Gbps, 6 Gbps Data Lines, 148 MHz,
297 MHz Clock
100
ps
tJITD1(1.4b)
Total output data jitter HDMI1.4b
DR = 2.97 Gbps, SDA_CTL/PRE =
L, A0/EQ1 = H, A1/EQ2 = H ; See
Figure 7 4 at TTP3
0.2
Tbit
tJITD1(2.0)
Total output data jitter HDMI2.0
In Redriver Mode only ISI will be
compensated for.
3.4 Gbps < Rbit ≤ 3.712 Gps
TERM = Z; SDA_CTL/PRE = L; OE
= H
0.4
Tbit
3.712 Gbps < Rbit < 5.94 Gbps
TERM = Z; SDA_CTL/PRE = L; OE
= H
-
0.0332Rbit
2 +0.2312
Rbit +
0.1998
Tbit
5.94Gbps
≤ Rbit ≤ 6 Gbps
TERM = Z; SDA_CTL/PRE = L; OE
= H
0.6
Tbit
tJITC1(1.4b)
Total output clock jitter
CLK = 25 MHz, 74.25 MHz, 75
MHz,150 MHz, 297 MHz
0.25
Tbit
tJITC1(2.0)
Total output clock jitter
DR = 6 Gbps: CLK = 150 MHz
0.3
Tbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com