Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 29Page - Texas Instruments TDP158 Datasheet HTML 30Page - Texas Instruments TDP158 Datasheet HTML 31Page - Texas Instruments TDP158 Datasheet HTML 32Page - Texas Instruments TDP158 Datasheet HTML 33Page - Texas Instruments TDP158 Datasheet HTML 34Page - Texas Instruments TDP158 Datasheet HTML 35Page - Texas Instruments TDP158 Datasheet HTML 36Page - Texas Instruments TDP158 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
33
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 12. MISC CONTROL 09h (continued)
Bit
Field
Type
Reset
Description
4
SIG_EN
R/W
1’b1
This field enable the clock lane activity detect circuitry. See Input
Signal Detect Block
0 – Disable Clock detector circuit closed and receiver always
works in normal operation.
1 – Enable (default) , Clock detector circuit will make receiver
automatic enter the standby state when no valid data detect.
3
PD_EN
R/W
1’b0
0 – Normal working (default)
1 – Forced Power down by I2C, Lowest Power state
2
HPD_AUTO_PWRDWN_DISABL
R/W
1’b0
0 – Automatically enters power down mode based on HPD_SNK
(default)
1 – Will not automatically enter power down mode
1:0
I2C_DR_CTL
R/W
2’b10
I2C data rate supported for configuring device.
00 – 5Kbps
01 – 10Kbps
10 – 100Kbps( Default )
11 – 400Kbps
8.5.6 CSR BIT FIELD DEFINITIONS – MISC CONTROL 0Ah (address = 0Ah)
Figure 30. MISC CONTROL 0Ah Field Descriptions
7
6
5
4
3
2
1
0
Reserved
HPDSNK_GAT
E_EN
Reserved
SLEW_CTL_DATA
R
R/W
R
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 13. MISC CONTROL 0Ah
Bit
Field
Type
Reset
Description
7
Reserved
R
1’b0
Reserved
6
HPDSNK_GATE_EN
R/W
1’b0
The field set the HPD_SNK signal pass through to HPD_SRC or
not and HPD_SRC whether held in the de-asserted state.
0 – HPD_SNK passed through to the HPD_SRC (default)
1 – HPD_SNK will not pass through to the HPD_SRC.
5:2
Reserved
R
1’b0
Reserved
1:0
SLEW_CTL_DATA
R/W
1’b0
See Slew Rate Control
00 – Slowest ~ 110
01 – Mid-Range 1 ~ 95
10 – Mid-Range 2 ~B 80 ps
11 – Fastest (Default) ~ 60 ps
Values are typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com