Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 31Page - Texas Instruments TDP158 Datasheet HTML 32Page - Texas Instruments TDP158 Datasheet HTML 33Page - Texas Instruments TDP158 Datasheet HTML 34Page - Texas Instruments TDP158 Datasheet HTML 35Page - Texas Instruments TDP158 Datasheet HTML 36Page - Texas Instruments TDP158 Datasheet HTML 37Page - Texas Instruments TDP158 Datasheet HTML 38Page - Texas Instruments TDP158 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
35
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.8 CSR BIT FIELD DEFINITIONS – MISC CONTROL 0Ch (address = 0Ch)
Figure 32. MISC CONTROL 0Ch Field Descriptions
7
6
5
4
3
2
1
0
VSWING_DATA
VSWING_CLK
HDMI_TWPST1[1:0]
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 15. MISC CONTROL 0Ch
Bit
Field
Type
Reset
Description
7:5
VSWING_DATA
R/W
3’b000
Data Output Swing Control
000 – Vsadj set (default)
001 – Increase by 7%
010 – Increase by 14%
011 – Increase by 21%
100 – Decrease by 30%
101 – Decrease by 21%
110 – Decrease by 14%
111 – Decrease by 7%
4:2
VSWING_CLK
R/W
3’b000
Clock Output Swing Control: Default is set by Vsadj resistor
value and the value of reg0Dh[0].
000 – Vsadj set (default)
001 – Increase by 7%
010 – Increase by 14% 011 – Increase by 21%
100 – Decrease by 30%
101 – Decrease by 21%
110 – Decrease by 14%
111 – Decrease by 7%
1:0
HDMI_TWPST1[1:0]
R/W
2’b00
HDMI Pre-emphasis
00 – No Pre-emphasis (default)
01 – 3.5 dB 10 – 6 dB
11 – Reserved
NOTE: See Pre-emphasis Section for 6 dB explanation during
normal operation supporting HDMI.
8.5.9 CSR BIT FIELD DIFINITIONS, Equalization Control Register (address = 0Dh)
Figure 33. Equalization Control Register
7
6
5
4
3
2
1
0
Reserved
Data Lane Fixed EQ Values
Clock EQ Values
DIS_HDMI2_S
WG
R
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 16. Equalization Control Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R
1’b0
Reserved
6:3
Data Lane Fixed EQ Values
R/W
4’b0000
(Section Receiver Equalizer and Table 3 for values)
0000 – 0 dB (default)
2:1
Clock EQ Values
R/W
2’b00
00 – 0dB (default)
01 – 1.5dB
10 – 3dB
11 – 4.5dB
0
DIS_HDMI2_SWG
R/W
1’b0
Disables halving the clock output swing when entering HDMI2.0
mode from TMDS_CLOCK_RATIO_STATUS.
0 – Disables TMDS_CLOCK_RATIO_STATUS control of the
clock VOD so output swing is at full swing (default)
1 – Clock VOD is half of set values when
TMDS_CLOCK_RATIO_STATUS states in HDMI2.0 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com