Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 41Page - Texas Instruments TDP158 Datasheet HTML 42Page - Texas Instruments TDP158 Datasheet HTML 43Page - Texas Instruments TDP158 Datasheet HTML 44Page - Texas Instruments TDP158 Datasheet HTML 45Page - Texas Instruments TDP158 Datasheet HTML 46Page - Texas Instruments TDP158 Datasheet HTML 47Page - Texas Instruments TDP158 Datasheet HTML 48Page - Texas Instruments TDP158 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
HDMI/DVI
Receptacle
IN_CLKp
OUT_CLKp
IN_D1p
OUT_D1p
IN_D0p
OUT_D0p
OUT_D2n
IN_D2p
5V
HPD_SNK
SDA_SNK
SCL_SNK
OE
VSADJ
0.1 µF
6
.Ÿ
1%
ML0p
ML1p
ML2p
ML3p
0
Ÿ
1
0Ÿ
0.1 µF
HPD
HPD_SRC
2
.Ÿ
Optional
TMDS_D2p
HPD
DDC_SDA
DDC_SCL
IN_D2n
0.1 µF
ML0n
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
ML1n
ML2n
ML3n
IN_CLKn
IN_D1n
IN_D0n
1
7
4
5
6
10
9
2
DDC_SCL
DDC_SDA
2
.Ÿ
SDA_SRC
SCL_SRC
OUT_D2p
OUT_CLKn
OUT_D1n
OUT_D0n
TMDS_D2n
TMDS_D0p
TMDS_D0n
TMDS_D1p
TMDS_D1n
TMDS_CLKp
TMDS_CLKn
3
36
18
39
38
6
1
3
4
9
7
12
10
16
15
19
11
2
5
8
17
14
15
GND1
GND3
GND6
GND2
GND4
GND5
0.01 µF
20
22
23
21
0
Ÿ
0
Ÿ
0
Ÿ
I2C_EN
TERM
EQ1/A0
EQ2/A1
SLEW
23
16
17
34
8
2
.Ÿ
2
.Ÿ
I2C_SCL
I2C_SDA
SDA_CTL/PRE
SCL_CTL/SWAP
14
13
100
.Ÿ
CAD_DET
0.1 µF
0.1 µF
10 uF
VCC_3.3 V
CEC
CEC
CEC
CEC
13
VDD_1.1 V
12
19
20
31
40
GND
GND
THERMAL PAD
35
CASE_GND1
CASE_GND2
CASE_GND3
CASE_GND4
30
24
27
26
25
21
22
29
32
28
33
VCC_3.3V
VCC_3.3 V
0.1 µF
0.1 µF
0.1 µF
10 µF
VDD_1.1 V
0.1 µF
0.1 µF
0.1 µF
0
Ÿ
0
Ÿ
0
Ÿ
0
Ÿ
NC
Populated only when using Pin Strapping
Populated only when using I2C
DDC_SCL
DDC_SDA
DDC_SCL
DDC_SDA
NOTE: Connector side DDC is 5 V while GPU
may require 3.3 V DDC so a level shifter may
be needed here
11
37
VCC_3.3 V
Copyright © 2016, Texas Instruments Incorporated
45
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.4 Application with DDC Snoop
9.2.4.1 Source Side HDMI Application
In source side applications the TDP158 takes an AC coupled HDMI signal and provides signal conditioning and
level shifting to support TMDS signaling. Figure 48 provides an example of a DDC snoop version. Notes in both
schematics provide important system design considerations. To help reduce overall EMI in a system the VCC
and VDD decoupling caps need to be as close to the pins as possible. The drawings shown one set but multiple
sets may be needed for each pin. In noisy systems a 4.7-pF capacitor may be added to the decoupling
capacitors.
Control pins can be tied directly to VCC, GND or left floating. Drawings show 0-Ω resistors as this provides
flexibility. In noisy systems a 0.1-µF capacitor to GND may reduce glitches on these pins and are not shown in
the drawings. If an application requires completely bypassing the DDC source and sink pins on the TDP158 then
connect them to GND as the SCL/SDA_SRC are shown in Figure 48. If this is done the TX termination must be
controlled by the TERM pin or through I2C.
Figure 48. TDP158 Source Side Application with DDC Snoop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com