Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 28Page - Texas Instruments TDP158 Datasheet HTML 29Page - Texas Instruments TDP158 Datasheet HTML 30Page - Texas Instruments TDP158 Datasheet HTML 31Page - Texas Instruments TDP158 Datasheet HTML 32Page - Texas Instruments TDP158 Datasheet HTML 33Page - Texas Instruments TDP158 Datasheet HTML 34Page - Texas Instruments TDP158 Datasheet HTML 35Page - Texas Instruments TDP158 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
32
TDP158
SLLSEX2 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.3 CSR BIT FIELD DEFINITIONS, DEVICE_ID (address = 00h~07h)
Figure 27. DEVICE_ID
7
6
5
4
3
2
1
0
DEVICE_ID
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 10. DEVICE_ID Field Descriptions
Bit
Field
Type
Reset
Description
7:0
R
TBD
These fields return a string of ASCII characters “TDP158”
followed by one space characters
TDP158: Address 0x00 – 0x07 = {- 0x54”T”, 0x44”D”, 0x50”P”,
0x31”1”, 0x35”5”, 0x38”8, 0x20, 0x20
8.5.4 CSR BIT FIELD DEFINITIONS, REV_ID (address = 08h )
Figure 28. REV_ID Field Descriptions
7
6
5
4
3
2
1
0
REV_ID
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 11. REV_ID
Bit
Field
Type
Reset
Description
7:0
REV_ID
R
TBD
This field identifies the device revision.
0000001 – TDP158 Revision
8.5.5 CSR BIT FIELD DEFINITIONS – MISC CONTROL 09h (address = 09h)
Figure 29. MISC CONTROL 09h Field Descriptions
7
6
5
4
3
2
1
0
LANE_SWAP
Lane Control
DP-Mode
SIG_EN
PD_EN
HPD_AUTO_P
WRDWN_DISA
BLE
I2C_DR_CTL
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 12. MISC CONTROL 09h
Bit
Field
Type
Reset
Description
7
LANE_SWAP
R/W
1’b0
This field Swaps the input lanes as per Figure 23 and Swap and
valid when in HDMI Mode only.
0 --- Disable ( default ) No Lane Swap
1 --- Enable: Swaps both Input and Output Lanes
6
Lane Control
R/W
1’b0
See Lane Control
0 – Global (Default)
1 – Independent
Note: In default mode reg0C and reg0D control all lanes. When
set to 1 each lane can be individually controlled for Swing, EQ,
Pre-emphasis.
5
DP-Mode
R/W
1’b0
See DP-Mode Description
0 – Normal DP158 Operation (Default)
1 – All lanes behave as data lanes and full control through I2C
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com