Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP158 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TDP158 Datasheet HTML 43Page - Texas Instruments TDP158 Datasheet HTML 44Page - Texas Instruments TDP158 Datasheet HTML 45Page - Texas Instruments TDP158 Datasheet HTML 46Page - Texas Instruments TDP158 Datasheet HTML 47Page - Texas Instruments TDP158 Datasheet HTML 48Page - Texas Instruments TDP158 Datasheet HTML 49Page - Texas Instruments TDP158 Datasheet HTML 50Page - Texas Instruments TDP158 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
47
TDP158
www.ti.com
SLLSEX2 – DECEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 Power Management
To minimize the power consumption of customer application, TDP158 used the dual power supply. VCC is 3.3 V
with 10% range to support the I/O voltage. The VDD is 1.1 V with ~ 5% range to supply the internal digital control
circuit. TDP158 operates in 3 different working states.
•
Power down Mode:
–
OE = Low puts the device into its lowest power state by shutting down all function blocks.
–
When OE is re-asserted the transitions from L
→H creates a reset and if the device is programmed
through I2C it must be reprogrammed.
–
Writing a 1 to register 09h[3].
–
OE = High, HPD_SNK = Low for > 2ms
•
Standby Mode:
–
HPD_SNK = High but no valid clock signal detect on clock lane.
•
Normal operation:
–
When HPD assert, the device output will enable based on the signal detector circuit result.
–
HPD_SRC = HPD_SNK in all conditions. The HPD channel operational when VCC over 3 V.
NOTE
When the TDP158 is put into a power down state the I2C registers are cleared. This is
important as the TMDS_CLOCK_RATIO_STATUS bit will be cleared. If cleared and
HDMI2.0 resolutions are to be supported the TDP158 expects the source to write a 1 to
this bit location. If the read has the bit set, the TDP158 will set this bit; otherwise, the
source termination must be set manually.
10.2 Standby Power
The TDP158/I implement a two stage standby power process.
Stage 1: If there is no signal on the Clock line, the max IVCC ~ 5 ma and max IVDD ~ 6 ma.
Stage 2: If a signal is on the clock line like noise or a clock signal, the TDP158 investigates for 3 µs to 5 µs at
which time, it determines if a is clock present.
•
If a clock is detected the TDP158 will go into normal operation.
•
If it is determined that no clock is present the TDP158 will re-enter stage 1.
In stage 2; max IVCC ~ 5 ma and max IVDD ~ 27 ma.
Table 30. Power Modes
INPUTS
STATUS
OE
HPD_SNK
Reg09[2]
IN_CLK
HPD_SRC
IN_Dx
SDA/SCL_CTL
OUT_Dx
OUT_CLK
DDC
Mode
L
X
X
X
H
High-Z
Disable
High-Z
Disabled
Power Down
Mode
H
X
1
X
HPD_SNK
RX Active
Active
TX Active
Active
Normal
operation
H
X
1
No Valid TMDS
Clock
HPD_SNK
D0-D2 Disabled
IN_CLK Active
Active
High-Z
Active
Standby Mode
(Squelch
waiting)
H
X
1
Valid TMDS
Clock
HPD_SNK
RX Active
Active
TX Active
Active
Normal
operation
H
H
0
No Valid TMDS
Clock
HPD_SNK
D0-D2 Disabled
IN_CLK Active
Active
High-Z
Active
Standby Mode
(Squelch
waiting)
H
H
0
Valid TMDS
Clock
HPD_SNK
RX Active
Active
TX Active
Active
Normal
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com