Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC823 Datasheet HTML 1Page - Motorola, Inc MPC823 Datasheet HTML 2Page - Motorola, Inc MPC823 Datasheet HTML 3Page - Motorola, Inc MPC823 Datasheet HTML 4Page - Motorola, Inc MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
Communication Processor Module
16-382
MPC823 REFERENCE MANUAL
MOTOROLA
In UART and Transparent modes, the serial management controllers have a memory
structure that is similar to the serial communication controllers. Each buffer is referenced by
a buffer descriptor and organized in a buffer descriptor ring located in the dual-port RAM, as
illustrated in Figure 16-114.
The buffer descriptor ring allows you to define buffers for transmission and reception and
each ring forms a circular queue. Using the buffer descriptors, the communication processor
module confirms reception and transmission so that the microprocessor knows the buffers
have been serviced. The data buffers can reside in external or internal memory and the data
buffers reside in the parameter area of an SCCx or SMCx if that channel is not enabled.
16.11.4 SMC General Parameter RAM Memory Map
Each SMCx parameter RAM area begins at the same offset from each base. The
protocol-specific portions of the SMCx parameter RAM are discussed in each mode. The
SMCx general parameter RAM shared by the UART and transparent protocols is described
in Table 16-36. The GCI protocol has its own parameter RAM.
You must initialize certain parameter RAM values before a serial management controller is
enabled. Other values are initialized or written by the communication processor module.
Once initialized, most parameter RAM values do not need to be accessed in your software
since most of the activity is centered around the transmit and receive buffer descriptors and
not the parameter RAM. However, if you access the parameter RAM, note the following
restrictions.
Figure 16-114. SMCx Memory Format
FRAME STATUS
DATA POINTER
FRAME STATUS
DATA LENGTH
DATA POINTER
POINTER TO SMCx
TX BD RING
RX DATA BUFFER
DUAL- PORT RAM
EXTERNAL MEMORY
TX BD RING
RX BD RING
TX DATA BUFFER
POINTER TO SMCx
RX BD RING
SMCx TX BD RING
SMCx RX BD RING
DATA LENGTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com