Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 46 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 42Page - Motorola, Inc MPC823 Datasheet HTML 43Page - Motorola, Inc MPC823 Datasheet HTML 44Page - Motorola, Inc MPC823 Datasheet HTML 45Page - Motorola, Inc MPC823 Datasheet HTML 46Page - Motorola, Inc MPC823 Datasheet HTML 47Page - Motorola, Inc MPC823 Datasheet HTML 48Page - Motorola, Inc MPC823 Datasheet HTML 49Page - Motorola, Inc MPC823 Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
Communication Processor Module
16-424
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.8.2 SMCx GCI PARAMETER RAM MEMORY MAP. The SMCx GCI parameter
RAM area begins at the same offset from each SMCx base area. The SMCx in GCI mode
has a very different parameter RAM memory map than the SMCx in UART or transparent
mode. In GCI mode, the general-purpose parameter RAM contains the buffer descriptors,
instead of pointers, to the buffer descriptors. You can see the difference when you compare
Table 16-38 with Table 16-36. The SMCx in GCI mode contains no protocol-specific
parameter RAM.
• M_RXBD—The SMCx monitor channel receive buffer descriptor is used by the
communication processor module to report information about the monitor channel
receive byte.
E—Empty
When a serial management controller uses the monitor channel protocol, it waits until
the core sets this bit before acknowledging the monitor channel data.
0 =
The communication processor module clears this bit to indicate that the data
byte associated with this buffer descriptor is now available to the core.
1 =
The core sets this bit to indicate that the data byte associated with this buffer
descriptor has been read.
Table 16-38. SMCx GCI Parameter RAM Memory Map
ADDRESS
NAME
WIDTH
DESCRIPTION
SMCx Base + 00
M_RXBD
Half-word
Monitor Channel RX Buffer Descriptor
SMCx Base + 02
M_TXBD
Half-word
Monitor Channel TX Buffer Descriptor
SMCx Base + 04
CI_RXBD
Half-word
Circuit Interface Channel
RX Buffer Descriptor
SMCx Base + 06
CI_TXBD
Half-word
Circuit Interface Channel
TX Buffer Descriptor
SMCx Base + 08
Temp1
Half-word
SMCBase + 0A
Temp2
Half-word
SMCx Base + 0C
Temp3
Half-word
SMCx Base + 0E
Temp4
Half-word
NOTE:
You are only responsible for initializing the items in bold.
SMCx Base = (IMMR & 0xFFFF0000) + 0x3E80 (SMC1) and 0x3F80 (SMC2).
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
OFFSET + 0
E
L
RE
MS
RESERVED
DATA
NOTE: You are only responsible for initializing the items in bold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com