Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 4Page - Motorola, Inc MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc MPC823 Datasheet HTML 10Page - Motorola, Inc MPC823 Datasheet HTML 11Page - Motorola, Inc MPC823 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
Communication Processor Module
16-386
MPC823 REFERENCE MANUAL
MOTOROLA
AT—Address Type 1–3
These bits contain the function code value used during this SDMA channel memory
access. The AT0 pin is driven with a 1 to identify this SDMA channel access as a DMA
type.
• MRBLR—Each serial management controller has one maximum receive buffer length
register that defines the length of the receive buffer. The MRBLR defines the maximum
number of bytes that the MPC823 writes to a receive buffer on a serial management
controller before it moves on to the next buffer. The MPC823 can write fewer bytes to
the buffer than MRBLR if a condition, such as an error or end-of-frame occurs, but it
never writes more bytes than the MRBLR value. It follows then, that the buffers you
supply must always be at least as long as the MRBLR. The transmit buffers for a serial
management controller are not affected in any way by the value programmed into the
MRBLR. Each transmit buffer can have a different length. You can choose the number
of bytes to be transmitted by programming the DATA LENGTH field in the TX buffer
descriptor.
• RBPTR—The receiver buffer descriptor pointer for each SMCx channel points to the
next buffer descriptor the receiver transfers data to when it is idle or to the current buffer
descriptor during frame processing. After a reset or when the end of the buffer
descriptor table is reached, the communication processor module initializes this pointer
to the value programmed in the RBASE entry. Although you will not usually need to
write the RBPTR in most applications, you can modify it when the receiver is disabled
or when you are sure no receive buffer is currently being used.
• TBPTR—The transmitter buffer descriptor pointer for each SMCx channel points to the
next buffer descriptor the transmitter transfers data from when it is idle or to the current
buffer descriptor during frame transmission. After a reset or when the end of the buffer
descriptor table is reached, the communication processor module initializes this pointer
to the value programmed in the TBASE register. Although you will not usually need to
write TBPTR in most applications, you can modify it when the receiver is disabled or
when you are sure no receive buffer is currently being used.
Note:
The MRBLR is not intended to be dynamically changed while a serial
management controller is operating. However, if it is modified in a single bus
cycle with one 16-bit move (not two 8-bit bus cycles back-to-back), then a
dynamic change in the receive buffer length can be successfully achieved. This
occurs when the communication processor module transfers control to the next
RX buffer descriptor in the table. Thus, a change to MRBLR does not have an
immediate effect. To guarantee that the change occurs on a particular RX buffer
descriptor, you must only change the MRBLR while the SMCx receiver is
disabled. The value of MRBLR must be greater than zero and it must be even if
the character length of the data is greater than 8 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com