Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 30 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 26Page - Motorola, Inc MPC823 Datasheet HTML 27Page - Motorola, Inc MPC823 Datasheet HTML 28Page - Motorola, Inc MPC823 Datasheet HTML 29Page - Motorola, Inc MPC823 Datasheet HTML 30Page - Motorola, Inc MPC823 Datasheet HTML 31Page - Motorola, Inc MPC823 Datasheet HTML 32Page - Motorola, Inc MPC823 Datasheet HTML 33Page - Motorola, Inc MPC823 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
Communication Processor Module
16-408
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.7.4 USING THE SMSYNx PIN FOR SYNCHRONIZATION. The SMSYNx pin offers
a method to externally synchronize a SMCx Transparent channel. This method differs
somewhat from the synchronization options available in the serial communication
controllers and must be studied carefully. See Figure 16-118 for an example.
Once the REN bit is set in the SMCMR, the first rising edge of the SMCLK signal that finds
the SMSYNx pin low causes the SMCx receiver to achieve synchronization. Data starts
being received or latched on the same rising edge of SMCLK that latched SMSYNx. This is
the first bit of data received. The receiver never loses synchronization again, regardless of
the state of SMSYNx, until you clear the REN bit.
Once the TEN bit is set in the SMCMR, the first rising edge of the SMCLK signal that finds
the SMSYNx pin low causes the SMCx transmitter to achieve synchronization. The SMCx
transmitter begins transmitting ones asynchronously from the falling edge of SMSYNx. After
one character of ones is transmitted, if the transmit FIFO is loaded (the transmit buffer
descriptor is ready with data), data starts being transmitted on the next falling edge of
SMCLK after some multiple of all-ones (preamble) characters are transmitted. If the transmit
FIFO is loaded at some later time, the data starts transmitting after some multiple number
of all-ones characters is transmitted.
The transmitter never loses synchronization again, regardless of the state of SMSYNx, until
you clear the TEN bit or issue the ENTER HUNT MODE command.
Note: Regardless of whether the transmitter or receiver uses the SMSYNx signal, it
must make glitch-free transitions from high to low or low to high. Glitches on
SMSYNx can cause a serial management controller to behave erratically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com