Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 26 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 22Page - Motorola, Inc MPC823 Datasheet HTML 23Page - Motorola, Inc MPC823 Datasheet HTML 24Page - Motorola, Inc MPC823 Datasheet HTML 25Page - Motorola, Inc MPC823 Datasheet HTML 26Page - Motorola, Inc MPC823 Datasheet HTML 27Page - Motorola, Inc MPC823 Datasheet HTML 28Page - Motorola, Inc MPC823 Datasheet HTML 29Page - Motorola, Inc MPC823 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
Communication Processor Module
16-404
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.6.14 SMCx UART MASK REGISTER. When a serial management controller is in
UART mode, the 8-bit read/write SMCx mask register is referred to as the SMCx UART
mask (SMCM–UART) register. It has the same bit format as the SMCE–UART register. If a
bit in this register is a 1, the corresponding interrupt in the SMCE–UART register is enabled.
If the bit is zero, the corresponding interrupt in the SMCE–UART register is masked.
16.11.6.15 SMC1 UART CONTROLLER PROGRAMMING EXAMPLE. The following is
an initialization sequence for 9,600 baud, 8 data bits, no parity, and 1 stop bit operation of
an SMC1 UART controller assuming a 25MHz system frequency. BRG1 and SMC1 are
used.
1. Configure the port B pins to enable SMTXD1 and SMRXD1. Write PBPAR bits 25 and
24 with ones and then PBDIR and PBODR bits 25 and 24 with zeros.
2. Configure the BRG1. Write 0x010144 to BRGC1. The DIV16 bit is not used and the
divider is 162 (decimal). The resulting BRG1 clock is 16
× the preferred bit rate of the
SMC1 UART controller.
3. Connect the BRG1 clock to SMC1 using the serial interface. Write the SMC1 bit in
SIMODE with a 0 and the SMC1CS field in SIMODE register with 0x000.
4. Write RBASE and TBASE in the SMC1 parameter RAM to point to the RX buffer
descriptor and TX buffer descriptor in the dual-port RAM. Assuming one RX buffer
descriptor at the beginning of dual-port RAM and one TX buffer descriptor following
that RX buffer descriptor, write RBASE with 0x2000 and TBASE with 0x2008.
5. Program the CPCR to execute the INIT RX AND TX PARAMS command. Write
0x0091 to the CPCR.
6. Write 0x0001 to the SDCR to initialize the SDMA configuration register.
7. Write 0x18 to the RFCR and TFCR for normal operation.
8. Write MRBLR with the maximum number of bytes per receive buffer. Assume 16
bytes, so MRBLR = 0x0010.
9. Write MAX_IDL with 0x0000 in the SMC1 UART parameter RAM to disable the
MAX_IDL functionality for this example.
10. Clear BRKLN and BRKEC in the SMC1 UART parameter RAM for the clarity.
11. Set BRKCR to 0x0001, so that if a STOP TRANSMIT command is issued, one break
character is sent.
SMCM–UART
BIT
0
1
2
3
4
5
6
7
FIELD
RESERVED
BRKE
RESERVED
BRK
RESERVED
BSY
TX
RX
RESET
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ADDR
(IMMR & 0xFFFF0000) + 0xA8A (SMC1), 0xA94 (SMC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com