Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC823 Datasheet HTML 1Page - Motorola, Inc MPC823 Datasheet HTML 2Page - Motorola, Inc MPC823 Datasheet HTML 3Page - Motorola, Inc MPC823 Datasheet HTML 4Page - Motorola, Inc MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-381
If the serial management controllers are connected to the TDM, it gets its synchronization
pulse from the time-slot assigner. Otherwise, if a serial management controller is connected
to the NMSI and the Transparent protocol is selected, the serial management controller can
use the SMSYNx pin as a synchronization pin to determine when it must start transmitting
and receiving. The SMSYNx pin is not used, however, when a serial communication
controller is in UART mode.
16.11.1 Features
The following is a list of the serial management controllers’ main features:
• Each serial management controller can implement the UART protocol on its own pins
• Each serial management controller can implement a totally Transparent protocol on a
multiplexed or nonmultiplexed line. If SMC2 uses a nonmultiplexed line, the serial
interface time-slot assigner is not available.
• Each SMCx channel fully supports the circuit interface and monitor channels of the GCI
(IOM-2) in ISDN applications
• Two serial management controllers support the two sets of circuit interface and monitor
channels in the SCIT channels 0 and 1
• Full-duplex operation
• Local loopback and echo capability for testing
16.11.2 General SMCx Mode Register
The operating mode of each serial management controller port is defined by the 16-bit,
memory-mapped, read/write general SMCx mode register (SMCMR). Refer to each specific
SMCx protocol section for information about this register and Table 16-2 (page 16-11) for
specific commands.
16.11.3 SMCx Buffer Descriptor Operation
When the serial management controllers are configured to operate in GCI mode, their
memory structure is predefined as one half-word long for transmit and one half-word long
for receive. For more information on these half-word structures, refer to
Section 16.11.8 The SMCx in GCI Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com