Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC823 Datasheet HTML 1Page - Motorola, Inc MPC823 Datasheet HTML 2Page - Motorola, Inc MPC823 Datasheet HTML 3Page - Motorola, Inc MPC823 Datasheet HTML 4Page - Motorola, Inc MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-379
The expected results are as follows:
• The TX buffer descriptor (Ep0) CONTROL/STATUS field must contain 0x3800.
• The TX buffer descriptor (Ep0) DATA LENGTH field must contain 0x0003.
• The TX buffer descriptor (Ep1) CONTROL/STATUS field must contain 0x3c80.
• The TX buffer descriptor (Ep1) DATA LENGTH field must contain 0x0003.
• The RX buffer descriptor (Ep0) CONTROL/STATUS field must contain 0x3c00.
• The RX buffer descriptor (Ep0) DATA LENGTH field must contain 0x0005.
• The RX buffer descriptor (Ep0) DATA BUFFER field must contain 0xabcd122b,
0x42xxxxxx.
16.11 THE SERIAL MANAGEMENT CONTROLLERS
The serial management controllers (SMCs) consist of two full-duplex ports that can be
independently configured to support any one of three protocols or modes—UART,
Transparent, or general-circuit interface (GCI). Simple UART operation is used to provide a
debug/monitor port in an application, which allows a serial communication controller (SCCx)
to be free for other purposes. The serial management controller clock can be derived from
one of the four internal baud rate generators or from a 16
× external clock pin.
The functionality and performance provided by the SMCx in UART mode is generally less
than that provided by an SCCx in UART mode. The SMCx implementation does not support
such features as special character recognition and detection.
In totally Transparent mode, a serial management controller can use the TDM channel to
connect to a T1 line or directly to the SMC’s set of pins. However, SMC2 does not have its
own set of dedicated pins, so the time-slot assigner pins are its only option. The receive and
transmit clocks are derived from the time-division multiplex (TDM) channel, the internal baud
rate generators, or from an external 1
× clock. The Transparent protocol allows the
transmitter and receiver to use the external synchronization pin.


Similar Part No. - MPC823

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC823 FREESCALE-MPC823 Datasheet
1Mb / 70P
AC Electrical Specifications
MPC823 FREESCALE-MPC823 Datasheet
422Kb / 70P
This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
logo
NXP Semiconductors
MPC823 NXP-MPC823 Datasheet
3Mb / 242P
Design Specification
Rev 0.1
logo
Motorola, Inc
MPC823ELD MOTOROLA-MPC823ELD Datasheet
265Kb / 12P
MPC823e Mobile Computing Microprocessor
MPC823ELE MOTOROLA-MPC823ELE Datasheet
265Kb / 12P
MPC823e Mobile Computing Microprocessor
More results

Similar Description - MPC823

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM873 ROHM-RPM873 Datasheet
87Kb / 7P
IrDA Infrared Communication Module
logo
ATMEL Corporation
TSPC860 ATMEL-TSPC860 Datasheet
1Mb / 93P
Integrated Communication Processor
logo
Rohm
RPM872-H14 ROHM-RPM872-H14 Datasheet
96Kb / 7P
IrDA infrared communication module
RPM882-H12 ROHM-RPM882-H12 Datasheet
126Kb / 10P
IrDA Infrared Communication Module
RPM871-E4 ROHM-RPM871-E4 Datasheet
75Kb / 8P
IrDA Infrared communication Module
logo
ON Semiconductor
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
B300 ONSEMI-B300 Datasheet
425Kb / 28P
Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
logo
WAGO Kontakttechnik Gmb...
2789-9015 WAGO-2789-9015 Datasheet
130Kb / 5P
Communication module; Modbus RTU; RJ45; communication capability
18.10.2021
2789-9080 WAGO-2789-9080 Datasheet
241Kb / 6P
Communication module; IO-Link; communication capability
18.10.2021
logo
Schneider Electric
VW3A3627 SCHNEIDER-VW3A3627 Datasheet
91Kb / 2P
Profinet communication module
Sep 18, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com