Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc MPC823 Datasheet HTML 10Page - Motorola, Inc MPC823 Datasheet HTML 11Page - Motorola, Inc MPC823 Datasheet HTML 12Page - Motorola, Inc MPC823 Datasheet HTML 13Page - Motorola, Inc MPC823 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
Communication Processor Module
16-388
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.5.1 DISABLING THE ENTIRE SMCx TRANSMITTER. Follow these steps to fully
enable or disable the SMCx transmitter:
1. Issue the STOP TRANSMIT command. This command is recommended when a serial
management controller is transmitting data since it stops transmission smoothly. This
command is not required if a serial management controller is not transmitting, if you
overwrite the TBPTR or if you execute the INIT TX PARAMETERS command.
2. Clear the TEN bit in the SMCMR. This disables the SMCx transmitter and puts it in a
reset state.
3. Modify the SMCx transmit parameters, including the parameter RAM. If you prefer to
switch protocols or restore the SMCx transmit parameters to their initial state, issue
the INIT TX PARAMETERS command.
4. Issue the RESTART TRANSMIT command. You must do this if you did not issue the
INIT TX PARAMETERS command in step 3.
5. Set the TEN bit in the SMCMR. When the R bit is set in the TX buffer descriptor,
transmission begins using the TX buffer descriptor indicated by the TBPTR value.
16.11.5.2 DISABLING PART OF THE SMCx TRANSMITTER. Follow this shorter
sequence if you prefer to reinitialize the transmit parameters to the state they were in after
reset.
1. Clear the TEN bit in the SMCMR.
2. Issue the INIT TX PARAMETERS command and make any additional modifications.
3. Set the TEN bit in the SMCMR.
16.11.5.3 DISABLING THE ENTIRE SMCx RECEIVER. Follow these steps to fully enable
or disable the receiver:
1. Clear the REN bit in the SMCMR. Reception is aborted immediately, which disables
the SMCx receiver and puts it in a reset state.
2. Modify the SMCx receive parameters, including the parameter RAM. If you prefer to
switch protocols or restore the SMCx receive parameters to their initial state, issue the
INIT RX PARAMETERS command.
3. Issue the CLOSE RX BD command. You must do this if you did not issue the INIT RX
PARAMETERS command in step 2.
4. Set the REN bit in the SMCMR. When the E bit is set in the RX buffer descriptor,
reception begins immediately using the RX buffer descriptor indicated by the RBPTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com