Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 18 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 14Page - Motorola, Inc MPC823 Datasheet HTML 15Page - Motorola, Inc MPC823 Datasheet HTML 16Page - Motorola, Inc MPC823 Datasheet HTML 17Page - Motorola, Inc MPC823 Datasheet HTML 18Page - Motorola, Inc MPC823 Datasheet HTML 19Page - Motorola, Inc MPC823 Datasheet HTML 20Page - Motorola, Inc MPC823 Datasheet HTML 21Page - Motorola, Inc MPC823 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Communication Processor Module
16-396
MPC823 REFERENCE MANUAL
MOTOROLA
PM—Parity Mode
0 = Odd parity.
1 = Even parity.
SM—SMCx Mode
00 = GCI or SCIT support.
01 = Reserved.
10 = UART mode (must be selected for SMCx UART operation).
11 = Totally Transparent mode.
DM—Diagnostic Mode
00 = Normal mode.
01 = Local loopback mode.
10 = Echo mode.
11 = Reserved.
TEN—SMCx Transmit Enable
0 = SMCx transmitter disabled.
1 = SMCx transmitter enabled.
REN—SMCx Receive Enable
0 = SMCx receiver disabled.
1 = SMCx receiver enabled.
16.11.6.11 SMCx UART RECEIVE BUFFER DESCRIPTOR. Using the buffer descriptors,
the communication processor module reports information about the received data on a
per-buffer basis. It then closes the current buffer, generates a maskable interrupt, and starts
receiving data into the next buffer when one of the following events occurs:
• An error is received while a message is being processed.
• A full receive (RX) buffer is detected.
• A programmable number of consecutive idle characters are received.
Note:
The communication processor module sets all the status bits in this buffer
descriptor, but you must clear them before submitting the buffer descriptor to the
communication processor module.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
OFFSET + 0
E
RES
WI
RESERVED
CM
ID
RESERVED
BR
FR
PR
RES
OV
RES
OFFSET + 2
DATA LENGTH
OFFSET + 4
RX DATA BUFFER POINTER
OFFSET + 6
NOTE: You are only responsible for initializing the items in bold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com