Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 54 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 54 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 50Page - Motorola, Inc MPC823 Datasheet HTML 51Page - Motorola, Inc MPC823 Datasheet HTML 52Page - Motorola, Inc MPC823 Datasheet HTML 53Page - Motorola, Inc MPC823 Datasheet HTML 54Page - Motorola, Inc MPC823 Datasheet HTML 55Page - Motorola, Inc MPC823 Datasheet HTML 56Page - Motorola, Inc MPC823 Datasheet HTML 57Page - Motorola, Inc MPC823 Datasheet HTML 58Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
Communication Processor Module
16-432
MPC823 REFERENCE MANUAL
MOTOROLA
16.12.2 SPI Clocking and Pin Functions
You can configure the serial peripheral interface as a master for the serial channel or as a
slave. You can also use it in a multimaster environment. When the serial peripheral interface
is a master, use the SPI baud rate generator to generate the SPI transmit and receive
clocks. It takes its input from the BRGCLK, which is generated in the clock synthesizer of
the MPC823, specifically for the SPI baud rate generator and the other three baud rate
generators in the communication processor module.
The SPIMISO pin is an input in master mode and an output in slave mode. It follows then,
that the SPIMOSI pin is an output in master mode and an input in slave mode. The SPIMOSI
and SPIMISO pins change functionality between master and slave mode to support a
multimaster configuration that allows communication from one serial peripheral interface to
another with the same hardware configuration.
When the serial peripheral interface is in master mode, SPICLK is the clock output signal
that shifts in the received data from the SPIMISO pin and shifts out the transmitted data to
the SPIMOSI pin. Additionally, an SPI master device must provide a slave-select signal
output to enable the SPI slave devices. You can implement this by using one of the MPC823
general-purpose I/O pins. The SPISEL pin must not be asserted while the serial peripheral
interface is in master mode or an error will occur.
When the serial peripheral interface is in slave mode, SPICLK is the clock input signal that
shifts in the received data from the SPIMOSI pin and shifts out the transmitted data to the
SPIMISO pin. The SPISEL pin provided by the MPC823 is the enable input to the SPI slave.
When the serial peripheral interface is operating in a multimaster environment, the SPISEL
pin is still an input and is used to detect an error condition when more than one master is
operating.
Using the fields in the SPI mode register, you can select any of the four combinations of the
gated SPICLK phase and polarity. The SPI pins can also be configured as open-drain pins
to support a multimaster configuration in which the same SPI pin is driven by the MPC823
or an external SPI device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com