Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc MPC823 Datasheet HTML 10Page - Motorola, Inc MPC823 Datasheet HTML 11Page - Motorola, Inc MPC823 Datasheet HTML 12Page - Motorola, Inc MPC823 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-387
• Other General Parameters—You do not need to access these parameters during
normal operation. They are only listed because they provide helpful debugging
information. Additional parameters are listed in Table 16-33 (page 16-354). The RX and
TX internal data pointers are updated by the SDMA channels to show the next address
in the buffer to be accessed. TCNT is a down-count value that is initialized with the
DATA LENGTH field of the TX buffer descriptor and decremented with every byte read
by the SDMA channels. RCNT is a down-count value that is initialized with the MRBLR
value and decremented with every byte written by the SDMA channels. RSTATE,
TSTATE, RTEMP, TTEMP, and the reserved areas are only used by the RISC
microcontroller.
16.11.5 Disabling the SMCs On-the-Fly
If you do not need a serial management controller, it can be disabled and reenabled later.
In which case, you must follow a particular sequence of steps to ensure that the buffers are
properly closed and that new data is transferred to or from a new buffer. This sequence is
required if the parameters you want to change are not dynamic. If the register or bit
description states that dynamic or on-the-fly changes are allowed, you do not have to follow
the sequence and the register or bit can can be changed immediately.
Note: To extract data from a partially full receive buffer, use the CLOSE RX BD
command.
Note: A serial management controller does not have to be fully disabled for you to
modify the parameter RAM. Refer to the parameter RAM description for details
about modifying the parameter RAM values. If you want to disable the SCCs,
USB, SMCs, SPI, and I2C, use the CPM command register (described in
Section 16.2.6.1 CPM Command Register) to reset the communication
processor module with a single command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com