Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 20 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 16Page - Motorola, Inc MPC823 Datasheet HTML 17Page - Motorola, Inc MPC823 Datasheet HTML 18Page - Motorola, Inc MPC823 Datasheet HTML 19Page - Motorola, Inc MPC823 Datasheet HTML 20Page - Motorola, Inc MPC823 Datasheet HTML 21Page - Motorola, Inc MPC823 Datasheet HTML 22Page - Motorola, Inc MPC823 Datasheet HTML 23Page - Motorola, Inc MPC823 Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
Communication Processor Module
16-398
MPC823 REFERENCE MANUAL
MOTOROLA
FR—Framing Error
This bit indicates that a character with a framing error has been received and is located in
the last byte of this buffer. A framing error is a character without a stop bit. A new receive
buffer is used to receive additional data. The communication processor module writes this
bit after the received data is in the associated data buffer.
PR—Parity Error
This bit indicates that a character with a parity error has been received and is located in the
last byte of this buffer. A new receive buffer is used to receive additional data. The
communication processor module writes this bit after the received data is in the associated
data buffer.
OV—Overrun
This bit indicates that a receiver overrun has occurred during message reception. The
communication processor module writes this bit after the received data is in the associated
data buffer.
DATA LENGTH
This field represents the number of octets the communication processor module writes into
this buffer descriptor data buffer. After the data is received in the associated data buffer, the
communication processor module writes this field once the buffer descriptor closes.
RX DATA BUFFER POINTER
This field always points to the first location of the associated data buffer and must be even.
The buffer can reside in internal or external memory. The communication processor module
writes this bit after the received data is in the associated data buffer.
Note: The actual amount of memory allocated for this buffer must be greater than or
equal to the MRBLR entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com