Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC823 Datasheet HTML 1Page - Motorola, Inc MPC823 Datasheet HTML 2Page - Motorola, Inc MPC823 Datasheet HTML 3Page - Motorola, Inc MPC823 Datasheet HTML 4Page - Motorola, Inc MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-383
• The parameter RAM values that pertain to the SMCx transmitter can only be written
when the TEN bit in the SMCMR is zero or after the STOP TRANSMIT command is
issued, but before the RESTART TRANSMIT command is issued.
• The parameter RAM values that pertain to the SMCx receiver can only be written when:
t The REN bit in the SMCMR is zero.
t The receiver is previously enabled after the ENTER HUNT MODE command is
issued.
t The CLOSE RX BD command is issued before the REN bit is set.
Table 16-36. SMCx (UART and Transparent) Parameter RAM Memory Map
ADDRESS
NAME
WIDTH
DESCRIPTION
SMCx Base + 00
RBASE
Half-Word
RX Buffer Descriptor Base Address
SMCx Base + 02
TBASE
Half-Word
TX Buffer Descriptor Base Address
SMCx Base + 04
RFCR
Byte
RX Function Code
SMCx Base + 05
TFCR
Byte
TX Function Code
SMCx Base + 06
MRBLR
Half-Word
Maximum Receive Buffer Length
SMCx Base + 08
RSTATE
Word
RX Internal State
SMCx Base + 0C
RPTR
Word
RX Internal Data Pointer
SMCx Base + 10
RBPTR
Half-Word
RX Buffer Descriptor Pointer
SMCx Base + 12
RCNT
Half-Word
RX Internal Byte Count
SMCx Base + 14
RTMP
Word
RX Temp
SMCx Base + 18
TSTATE
Word
TX Internal State
SMCx Base + 1C
TPTR
Word
TX Internal Data Pointer
SMCx Base + 20
TBPTR
Half-Word
TX Buffer Descriptor Pointer
SMCx Base + 22
TCNT
Half-Word
TX Internal Byte Count
SMCx Base + 24
TTMP
Word
TX Temp
SMCx Base + 28
First Word of Protocol-Specific Area
SMCx Base + 36
Last Word of Protocol-Specific Area
NOTE:
You are only responsible for initializing the items in bold.
SMCx Base = (IMMR & 0xFFFF0000) + 0x3E80 (SMC1) and 0x3F80 (SMC2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com