Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc MPC823 Datasheet HTML 10Page - Motorola, Inc MPC823 Datasheet HTML 11Page - Motorola, Inc MPC823 Datasheet HTML 12Page - Motorola, Inc MPC823 Datasheet HTML 13Page - Motorola, Inc MPC823 Datasheet HTML 14Page - Motorola, Inc MPC823 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-389
16.11.5.4 DISABLING PART OF THE SMCx RECEIVER. Follow this shorter sequence to
reinitialize the receive parameters to the state they were in after reset.
1. Clear the REN bit in the SMCMR.
2. INIT RX PARAMETERS command and make any additional modifications.
3. Set the REN bit in the SMCMR.
16.11.5.5 SWITCHING PROTOCOLS. To switch a protocol that is being executed by a
serial management controller without resetting the board or affecting any other serial
management controller:
1. Clear the TEN and REN bits in the SMCMR.
2. Issue the INIT TX AND RX PARAMS command to initialize the transmit and receive
parameters. Make any additional modifications in the SMCMR.
3. Set the TEN and REN bits in the SMCMR. The serial management controller is now
enabled with the new protocol.
16.11.6 The SMCx in UART Mode
Compared to an SCCx in UART mode, the serial management controllers are designed to
support simple debug/monitor ports instead of full-featured UART controllers. The following
is a list of the features that the SMCx in UART mode does not support.
• RTSx, CTSx, and CDx pins
• Receive and transmit sections clocked at different rates
• Fractional stop bits
• Built-in multidrop modes
• Freeze mode for implementing flow control
• Isochronous operation (1
× clock)
• Interrupts on special control character reception
• Ability to transmit data on demand using the transmit on demand register
Tip:
You can save power by clearing the TEN and REN bits of a serial management
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com