Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 3Page - Motorola, Inc MPC823 Datasheet HTML 4Page - Motorola, Inc MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc MPC823 Datasheet HTML 10Page - Motorola, Inc MPC823 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-385
01 =
PowerPC little-endian byte ordering. As data is transmitted onto the serial line
from the data buffer, the least-significant byte of the buffer double-word
contains data to be transmitted earlier than the most-significant byte of the
same buffer double-word.
1X = Motorola byte ordering (normal operation) is also called big-endian byte
ordering. As data is transmitted onto the serial line from the data buffer, the
most-significant byte of the buffer word contains data to be transmitted earlier
than the least-significant byte of the same buffer word.
AT—Address Type 1–3
These bits contain the function code value used during the SDMA channel memory
access. The AT0 pin is driven with a 1 to identify this SDMA channel access as a DMA
type.
Bits 0–2—Reserved
These bits are reserved and must be set to 0.
BO—Byte Ordering
Set these bits to select the required byte ordering of the data buffer. If this field is
modified on-the-fly, it takes effect at the beginning of the next frame or the next buffer
descriptor.
00 =
The DEC/Intel convention is used for byte ordering (swapped operation) and
is also called little-endian byte ordering. The transmission order of bytes within
a buffer word is reversed in comparison to the Motorola mode. This mode is
supported only for 32-bit port size memory.
01 =
PowerPC little-endian byte ordering. As data is transmitted onto the serial line
from the data buffer, the least-significant byte of the buffer double-word
contains data to be transmitted earlier than the most-significant byte of the
same buffer double-word.
1X = Motorola byte ordering (normal operation) is also called big-endian byte
ordering. As data is transmitted onto the serial line from the data buffer, the
most-significant byte of the buffer word contains data to be transmitted earlier
than the least-significant byte of the same buffer word.
TFCR
BIT
0
1
2
3
4
5
6
7
FIELD
RESERVED
BO
AT1–AT3
RESET
000
R/W
R/W
R/W
R/W
ADDR
SMC1 AND SMC2 BASE + 0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com